์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LM25183-Q1 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 7 Page - Texas Instruments

Click here to check the latest version.
๋ถ€ํ’ˆ๋ช… LM25183-Q1
์ƒ์„ธ๋‚ด์šฉ  LM25183-Q1 42-VIN PSR Flyback DC/DC Converter with 65-V, 2.5-A Integrated MOSFET
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TI1 [Texas Instruments]
ํ™ˆํŽ˜์ด์ง€  http://www.ti.com
Logo 

LM25183-Q1 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 40 page
 7 / 40 page
background image
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
4.7
4.8
4.9
5
5.1
5.2
5.3
D008
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
130
135
140
145
150
155
160
D011
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.8
1
1.2
1.4
1.6
1.8
D006
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
D007
VEN/UVLO Rising
VEN/UVLO Falling
Input Voltage (V)
0
6
12
18
24
30
36
42
98
99
100
101
102
D004
Junction Temperature (qC)
-50
-25
0
25
50
75
100
125
150
96
98
100
102
104
D005
7
LM25183-Q1
www.ti.com
SNVSBJ4 โ€“ APRIL 2020
Product Folder Links: LM25183-Q1
Submit Documentation Feedback
Copyright ยฉ 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 24 V, VEN/UVLO = 2 V (unless otherwise stated).
Figure 7. RSET Current versus Input Voltage
Figure 8. RSET Current versus Temperature
Figure 9. TC Voltage versus Temperature
Figure 10. EN/UVLO Threshold Voltages versus
Temperature
Figure 11. EN/UVLO Hysteresis Current versus Temperature
Figure 12. Minimum Switch On-Time versus Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn