์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LP5910 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 7 Page - Texas Instruments

๋ถ€ํ’ˆ๋ช… LP5910
์ƒ์„ธ๋‚ด์šฉ  LP5910 300-mA Low-Noise, Low-IQ LDO
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TI1 [Texas Instruments]
ํ™ˆํŽ˜์ด์ง€  http://www.ti.com
Logo 

LP5910 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 7 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 35 page
 7 / 35 page
background image
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D005
18 k: (100 ยตA)
1.8 k: (1 mA)
180 : (10 mA)
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D006
180 : (10 mA)
18 : (100 mA)
6 : (300 mA)
VIN (V)
1
1.5
2
2.5
3
3.5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D003
ON (VIH)
OFF (VIL)
VIN (V)
1
1.5
2
2.5
3
3.5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D004
ON (VIH)
OFF (VIL)
Junction Temperature (ยฐC)
-50
-25
0
25
50
75
100
125
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D001
ON (VIH)
OFF (VIL)
VIN (V)
1
1.5
2
2.5
3
3.5
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
D002
ON (VIH)
OFF (VIL)
7
LP5910
www.ti.com
SNVSA91E โ€“ SEPTEMBER 2015 โ€“ REVISED JULY 2017
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright ยฉ 2015โ€“2017, Texas Instruments Incorporated
6.6 Typical Characteristics
Unless otherwise stated: VOUT = 1.8 V, VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 ยตF, COUT = 1 ยตF, TJ = 25ยฐC.
VIN = 2.3 V
VOUT = 1.8 V
Figure 1. VEN Threshold vs Temperature
Figure 2. VEN Thresholds vs VIN
TJ = โ€“40ยฐC
Figure 3. VEN Thresholds vs VIN
TJ = 125ยฐC
Figure 4. VEN Thresholds vs VIN
VEN = VIN
Figure 5. VOUT vs VIN
VEN = VIN
Figure 6. VOUT vs VIN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn