전자부품 데이터시트 검색엔진 |
|
MSP430F2619TPN 데이터시트(PDF) 30 Page - Texas Instruments |
|
|
MSP430F2619TPN 데이터시트(HTML) 30 Page - Texas Instruments |
30 / 120 page 30 MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616 MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416 SLAS541L – JUNE 2007 – REVISED MAY 2020 www.ti.com Submit Documentation Feedback Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418 MSP430F2417 MSP430F2416 Specifications Copyright © 2007–2020, Texas Instruments Incorporated (1) tsettle is the settling time that the comparator output requires to have a stable level after VLD is switched from VLD ≠ 0 to a different VLD value somewhere between 2 and 15. The overdrive is assumed to be >50 mV. (2) The recommended operating voltage range is limited to 3.6 V. (3) The current consumption of the SVS module is not included in the ICC current consumption data. 5.17 Supply Voltage Supervisor (SVS), Supply Voltage Monitor (SVM) over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT t(SVSR) dVCC/dt > 30 V/ms (see Figure 5-12) 5 150 µs dVCC/dt ≤ 30 V/ms 2000 td(SVSon) SVSon, switch from VLD = 0 to VLD ≠ 0, VCC = 3 V 150 300 µs tsettle VLD ≠ 0(1) 12 µs V(SVSstart) VLD ≠ 0, VCC/dt ≤ 3 V/s (see Figure 5-12) 1.55 1.7 V Vhys(SVS_IT–) VCC/dt ≤ 3 V/s (see Figure 5-12) VLD = 1 70 120 155 mV VLD = 2 to 14 0.004 × V(SVS_IT–) 0.016 × V(SVS_IT–) V VCC/dt ≤ 3 V/s (see Figure 5-12), external voltage applied on A7 VLD = 15 4.4 20 mV V(SVS_IT–) VCC/dt ≤ 3 V/s (see Figure 5-12 and Figure 5-13) VLD = 1 1.8 1.9 2.05 V VLD = 2 1.94 2.1 2.25 VLD = 3 2.05 2.2 2.37 VLD = 4 2.14 2.3 2.48 VLD = 5 2.24 2.4 2.60 VLD = 6 2.33 2.5 2.71 VLD = 7 2.46 2.65 2.86 VLD = 8 2.58 2.8 3 VLD = 9 2.69 2.9 3.13 VLD = 10 2.83 3.05 3.29 VLD = 11 2.94 3.2 3.42 VLD = 12 3.11 3.35 3.61(2) VLD = 13 3.24 3.5 3.76(2) VLD = 14 3.43 3.7(2) 3.99(2) VCC/dt ≤ 3 V/s (see Figure 5-12 and Figure 5-13), external voltage applied on A7 VLD = 15 1.1 1.2 1.3 ICC(SVS) (3) VLD ≠ 0, VCC = 2.2 V, 3 V 10 15 µA |
유사한 부품 번호 - MSP430F2619TPN |
|
유사한 설명 - MSP430F2619TPN |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |