전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430F2619TPN 데이터시트(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430F2619TPN
상세설명  MSP430F261x, MSP430F241x Mixed-Signal Microcontrollers
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F2619TPN 데이터시트(HTML) 41 Page - Texas Instruments

Back Button MSP430F2619TPN Datasheet HTML 37Page - Texas Instruments MSP430F2619TPN Datasheet HTML 38Page - Texas Instruments MSP430F2619TPN Datasheet HTML 39Page - Texas Instruments MSP430F2619TPN Datasheet HTML 40Page - Texas Instruments MSP430F2619TPN Datasheet HTML 41Page - Texas Instruments MSP430F2619TPN Datasheet HTML 42Page - Texas Instruments MSP430F2619TPN Datasheet HTML 43Page - Texas Instruments MSP430F2619TPN Datasheet HTML 44Page - Texas Instruments MSP430F2619TPN Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
41
MSP430F2619, MSP430F2618, MSP430F2617, MSP430F2616
MSP430F2419, MSP430F2418, MSP430F2417, MSP430F2416
www.ti.com
SLAS541L – JUNE 2007 – REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430F2619 MSP430F2618 MSP430F2617 MSP430F2616 MSP430F2419 MSP430F2418
MSP430F2417 MSP430F2416
Specifications
Copyright © 2007–2020, Texas Instruments Incorporated
(1)
To improve EMI on the XT2 oscillator the following guidelines should be observed:
Keep the trace between the device and the crystal as short as possible.
Design a good ground plane around the oscillator pins.
Prevent crosstalk from other clock or data lines into oscillator pins XT2IN and XT2OUT.
Avoid running PCB traces underneath or adjacent to the XT2IN and XT2OUT pins.
Use assembly materials and processes that avoid any parasitic load on the oscillator XT2IN and XT2OUT pins.
If conformal coating is used, make sure that it does not induce capacitive or resistive leakage between the oscillator pins.
(2)
Includes parasitic bond and package capacitance (approximately 2 pF per pin). Because the PCB adds additional capacitance, verify the
correct load by measuring the ACLK frequency. For a correct setup, the effective load capacitance should always match the
specification of the used crystal.
(3)
Requires external capacitors at both terminals. Values are specified by crystal manufacturers.
(4)
Frequencies below the MIN specification set the fault flag, frequencies above the MAX specification do not set the fault flag, and
frequencies in between might set the flag.
(5)
Measured with logic-level input frequency, but also applies to operation with crystals.
5.33 Crystal Oscillator XT2
(1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fXT2
XT2 oscillator crystal frequency, mode 0
XT2Sx = 0
1.8 V to 3.6 V
0.4
1
MHz
fXT2
XT2 oscillator crystal frequency, mode 1
XT2Sx = 1
1.8 V to 3.6 V
1
4
MHz
fXT2
XT2 oscillator crystal frequency, mode 2
XT2Sx = 2
1.8 V to 2.2 V
2
10
MHz
2.2 V to 3.6 V
2
12
3 V to 3.6 V
2
16
fXT2
XT2 oscillator logic-level square-wave input
frequency
XT2Sx = 3
1.8 V to 2.2 V
0.4
10
MHz
2.2 V to 3.6 V
0.4
12
3 V to 3.6 V
0.4
16
OA
Oscillation allowance (see Figure 5-25 and
Figure 5-26)
XT2Sx = 0, fXT2 = 1 MHz,
CL,eff = 15 pF
2700
XT2Sx = 1, fXT2 = 4 MHz,
CL,eff = 15 pF
800
XT2Sx = 2, fXT2 = 16 MHz,
CL,eff = 15 pF
300
CL,eff
Integrated effective load capacitance,
HF mode(2)
See (3)
1
pF
Duty cycle
Measured at P1.4/SMCLK,
fXT2 = 10 MHz
2.2 V, 3 V
40%
50%
60%
Measured at P1.4/SMCLK,
fXT2 = 16 MHz
40%
50%
60%
fFault
Oscillator fault frequency, HF mode(4)
XT2Sx = 3(5)
2.2 V, 3 V
30
300
kHz


유사한 부품 번호 - MSP430F2619TPN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MSP430F2619TPN TI-MSP430F2619TPN Datasheet
1Mb / 98P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619TPN TI-MSP430F2619TPN Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619TPN TI-MSP430F2619TPN Datasheet
6Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F2619TPN TI1-MSP430F2619TPN Datasheet
1Mb / 107P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MARCH2011
MSP430F2619TPN TI1-MSP430F2619TPN Datasheet
1Mb / 102P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

유사한 설명 - MSP430F2619TPN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com