전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CL21A226MAQNNNE 데이터시트(HTML) 1 Page - Samsung semiconductor

부품명 CL21A226MAQNNNE
상세내용  Multi-layer Ceramic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo 

CL21A226MAQNNNE 데이터시트(HTML) 1 Page - Samsung semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 1 / 3 page
background image
SPECIFICATION
(Reference sheet)
· Supplier : Samsung electro-mechanics
· Samsung P/N:
CL21A226MAQNNNE
· Product : Multi-layer Ceramic Capacitor
· Description :
CAP, 22uF, 25V, ±20%, X5R, 0805
CL
21
A
226
M
A
Q
N
N
N
E
② ③
⑧⑨⑩⑪
Series
Samsung Multi-layer Ceramic Capacitor
Size
0805 (inch code)
L:
2.00 ± 0.15 ㎜
W:
1.25 ± 0.15 ㎜
Dielectric
X5R
⑧ Inner electrode
Capacitance
22
Termination
Capacitance
±20 %
Plating
(Pb Free)
tolerance
Product
Normal
Rated Voltage
25 V
Special
Reserved for future use
Thickness
1.25 ± 0.15 ㎜
Packaging
Embossed Type, 7" reel
B. Structure & Dimension
CL21A226MAQNNNE
2.00 ± 0.15
1.25 ± 0.15
1.25 ± 0.15
0.50 +0.20/-0.30
A. Samsung Part Number
Ni
uF
Sn 100%
Samsung P/N
Dimension(
㎜)
W
LT
BW
Cu


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn