์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MSP430FG4619 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 43 Page - Texas Instruments

๋ถ€ํ’ˆ๋ช… MSP430FG4619
์ƒ์„ธ๋‚ด์šฉ  MSP430FG461x, MSP430CG461x Mixed-Signal Microcontrollers
Download  116 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TI1 [Texas Instruments]
ํ™ˆํŽ˜์ด์ง€  http://www.ti.com
Logo 

MSP430FG4619 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 43 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 116 page
 43 / 116 page
background image
DAC12_xDAT
080h
V OUT
1/f
Toggle
F7Fh
V DAC12_yOUT
080h
F7Fh
080h
V DAC12_xOUT
REF+
RLoad
AVCC
CLoad = 100 pF
2
ILoad
DAC12_1
RLoad
AVCC
CLoad = 100 pF
2
ILoad
DAC12_0
DAC0
DAC1
V
Ve
REF+
AC
DC
RLoad
AV
CC
CLoad =100pF
2
ILoad
DAC12_x
DACx
=3k W
43
MSP430FG4619, MSP430FG4618, MSP430FG4617, MSP430FG4616
MSP430CG4619, MSP430CG4618, MSP430CG4617, MSP430CG4616
www.ti.com
SLAS508K โ€“ APRIL 2006 โ€“ REVISED MAY 2020
Submit Documentation Feedback
Product Folder Links: MSP430FG4619 MSP430FG4618 MSP430FG4617 MSP430FG4616 MSP430CG4619
MSP430CG4618 MSP430CG4617 MSP430CG4616
Specifications
Copyright ยฉ 2006โ€“2020, Texas Instruments Incorporated
(1)
RLOAD = 3 kโ„ฆ, CLOAD = 100 pF
5.38
12-Bit DAC, Dynamic Specifications Continued
TA = 25ยฐC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
BWโ€“3dB
3-dB bandwidth,
VDC = 1.5 V, VAC = 0.1 VPP
(see Figure 5-32)
DAC12AMPx = {2, 3, 4}, DAC12SREFx = 2,
DAC12IR = 1, DAC12_xDAT = 800h
2.2 V, 3 V
40
kHz
DAC12AMPx = {5, 6}, DAC12SREFx = 2,
DAC12IR = 1, DAC12_xDAT = 800h
180
DAC12AMPx = 7, DAC12SREFx = 2,
DAC12IR = 1, DAC12_xDAT = 800h
550
Channel-to-channel
crosstalk
(see Figure 5-33)(1)
DAC12_0DAT = 800h, No Load,
DAC12_1DAT = 80h
โ†”F7Fh, RLoad = 3 kฮฉ
fDAC12_1OUT = 10 kHz at 50/50 duty cycle
2.2 V, 3 V
โ€“80
dB
DAC12_0DAT = 80h
โ†”F7Fh, RLoad = 3 kฮฉ,
DAC12_1DAT = 800h, No Load,
fDAC12_0OUT = 10 kHz at 50/50 duty cycle
โ€“80
Figure 5-32. Test Conditions for 3-dB Bandwidth Specification
Figure 5-33. Crosstalk Test Conditions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn