전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

ET1100 데이터시트(HTML) 98 Page - Beckhoff Automation GmbH & Co. KG

부품명 ET1100
상세내용  Slave Controller
Download  124 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
홈페이지  https://beckhoff.com/
Logo 

ET1100 데이터시트(HTML) 98 Page - Beckhoff Automation GmbH & Co. KG

Zoom Inzoom in Zoom Outzoom out
/ 124 page
 98 / 124 page
background image
PDI Description
III-84
Slave Controller
– ET1100 Hardware Description
6.5.3
µController access
The 8 bit µController interface reads or writes 8 bit per access, the 16 bit µController interface
supports both 8 bit and 16 bit read/write accesses. The least significant address bit A[0] together with
Byte High Enable (BHE) are used to distinguish between 8 bit low byte access, 8 bit high byte access
and 16 bit access.
Table 73: 8 bit high/low byte and 16 bit access distinction
ADR[0]
BHE (act. low)
Access
0
0
16 bit access to ADR[15:0] and ADR[15:0]+1 (low
and high byte)
0
1
8 bit access to ADR[15:0] (low byte, even address)
1
0
8 bit access to ADR[15:0] (high byte, odd address)
1
1
invalid access
If Byte High Enable (BHE) is used, the Byte access mode configuration bit has to be set to zero (BHE
or Byte Select mode).
EtherCAT devices use Little Endian byte ordering, even with the synchronous µController interface.
The conversion between Little Endian and Big Endian, depending on the register size of 8, 16, 32, or
64 bit, has to be done in software.
NOTE: A µController with 32 Bit interface is used as an example connected to the synchronous µController
interface. It is also possible to use 8 or 16 Bit µControllers.
NOTE: Please compare the bit ordering ([0:31] instead of [31:0]) of your µController with that used in this
document, because it might be different. The MSB/LSB notation used below will help you.
Table 74: Corresponding Bytes and Bits
Address
0
1
2
3
µController
[31:24]
[23:16]
[15:8]
[7:0]
[MSBit:LSBit]
[MSBit:LSBit]
[MSBit:LSBit]
[MSBit:LSBit]
MSByte
:
LSByte
ESC 8 Bit
access
[7:0]
[MSBit:LSBit]
ESC 16 Bit
access
[7:0]
[15:8]
[MSBit:LSBit]
[MSBit:LSBit]
LSByte
:
MSByte
Table 75: Byte ordering
Addr.
ESC (Little Endian)
sync. µController (Big Endian)
8 bit
reg.
16 bit
reg.
32 bit
reg.
64 bit
reg.
8 bit
reg.
16 bit
reg.
32 bit
reg.
64 bit
reg.
0
Byte 0
LSB
LSB
LSB
Byte 0
MSB
MSB
MSB
1
Byte 1
MSB
|
|
Byte 1
LSB
|
|
2
Byte 2
LSB
|
|
Byte 2
MSB
|
|
3
Byte 3
MSB
MSB
|
Byte 3
LSB
LSB
|
4
Byte 4
LSB
LSB
|
Byte 4
MSB
MSB
|
5
Byte 5
MSB
|
|
Byte 5
LSB
|
|
6
Byte 6
LSB
|
|
Byte 6
MSB
|
|
7
Byte 7
MSB
MSB
MSB
Byte 7
LSB
LSB
LSB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn