전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ET1200 데이터시트(PDF) 59 Page - Beckhoff Automation GmbH & Co. KG

부품명 ET1200
상세설명  Slave Controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
홈페이지  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1200 데이터시트(HTML) 59 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1200 Datasheet HTML 55Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 56Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 57Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 58Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 59Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 60Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 61Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 62Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 63Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
Electrical Specifications and Timings
Slave Controller
– ET1200 Hardware Description
III-49
10 Electrical Specifications and Timings
10.1
Absolute Maximum Ratings
Table 48: Absolute Maximum Ratings
Symbol
Parameter
Condition
Min
Max
Units
VCC-VSS
Supply voltage for
internal LDO
-0.3
5.5
V
ICC
Supply current
Internal LDOs used for VCC I/O and
VCC Core
110
mA
ICC I/O
Supply current
VCC I/O sourced externally, LDO
used for VCC Core
60
mA
ICC Core
Supply current
VCC I/O and VCC Core sourced
externally
100
mA
VESC
ESD protection
Human body model, according to
MIL-STD-883E-3015.7 Class 1
2
kV
IDC_ESD
Permanent current into
ESD protection diodes
Only in case of forward biased
ESD diodes. Input voltage above
VCCI/O or below VSS
2
mA
NOTE: Supply current does not include output driver current for PDIs and LEDs.
10.2
Electrical Characteristics
Table 49: Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
VCC
Power supply
3.0
5.0
5.5
V
VCC I/O
I/O power supply
3.0
3.3
5.5
V
VCC Core
Logic power supply
2.25
2.5
2.75
V
VCC PLL
PLL power supply
2.25
2.5
2.75
V
VCC I/O Ext
External I/O power supply
3.3
3.3
5.5
V
VCC Core Ext
External logic power supply
2.5
2.5
2.75
V
VCC PLL Ext
External PLL power supply
2.5
2.5
2.75
V
A
Ambient temperature
-40
85
°C


유사한 부품 번호 - ET1200

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ET120-103 VISHAY-ET120-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-104 VISHAY-ET120-104 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-202 VISHAY-ET120-202 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-203 VISHAY-ET120-203 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-502 VISHAY-ET120-502 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

유사한 설명 - ET1200

제조업체부품명데이터시트상세설명
logo
Beckhoff Automation Gmb...
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com