전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ET1200 데이터시트(PDF) 11 Page - Beckhoff Automation GmbH & Co. KG

부품명 ET1200
상세설명  Slave Controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BECKHOFF [Beckhoff Automation GmbH & Co. KG]
홈페이지  https://beckhoff.com/
Logo BECKHOFF - Beckhoff Automation GmbH & Co. KG

ET1200 데이터시트(HTML) 11 Page - Beckhoff Automation GmbH & Co. KG

Back Button ET1200 Datasheet HTML 7Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 8Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 9Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 10Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 11Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 12Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 13Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 14Page - Beckhoff Automation GmbH & Co. KG ET1200 Datasheet HTML 15Page - Beckhoff Automation GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
Overview
Slave Controller
– ET1200 Hardware Description
III-1
1
Overview
The ET1200 ASIC is an EtherCAT Slave Controller (ESC). It takes care of the EtherCAT
communication as an interface between the EtherCAT fieldbus and the slave application. The ET1200
supports different applications, from simple digital I/O nodes without external logic up to designs with a
µController and Distributed Clocks.
Table 1: ET1200 Main Features
Feature
ET1200
Ports
2 permanent ports, optional one additional bridge port (each EBUS or
MII, max. one MII port)
FMMUs
3
SyncManagers
4
RAM
1 Kbyte
Distributed Clocks
Yes, 64 bit
Process Data Interfaces
16 Bit Digital I/O (unidirectional/bidirectional)
SPI Slave
Power supply
Two integrated voltage regulators (LDO) for I/O (5V to 3.3V) and logic
core/PLL (5V/3.3V to 2.5V), optional external power supply for I/O and
logic core/PLL.
I/O
3.3V compatible I/O
Package
QFN48 (7x7 mm2)
Other features
Internal 1GHz PLL
Clock output for external devices (10, 20, 25 MHz)
The general functionality of the ET1200 EtherCAT Slave Controller (ESC) is shown in Figure 1:
ECAT
Processing
Unit
AutoForwarder +
Loopback
SyncManager
FMMU
ESC address space
User RAM
Registers
Process RAM
EEPROM
Distributed
Clocks
Monitoring
Status
Reset
PHY
Management
Reset
SYNC
LEDs
I²C EEPROM
PHY MI
SPI / Digital I/O
0
1
3
EBUS/MII ports
LATCH
PDI
ECAT Interface
PDI Interface
Figure 1: ET1200 Block Diagram


유사한 부품 번호 - ET1200

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ET120-103 VISHAY-ET120-103 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-104 VISHAY-ET120-104 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-202 VISHAY-ET120-202 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-203 VISHAY-ET120-203 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
ET120-502 VISHAY-ET120-502 Datasheet
356Kb / 4P
   DC Filter Capacitors
Revision: 11-Aug-10
More results

유사한 설명 - ET1200

제조업체부품명데이터시트상세설명
logo
Beckhoff Automation Gmb...
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
   Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
   EtherCAT Slave Controller
logo
Actel Corporation
VME64 ACTEL-VME64 Datasheet
155Kb / 2P
   VME64 Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
   Controller PROFIBUS Slave
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
   Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
   EtherCAT Slave Controller SoC
logo
Actel Corporation
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
   VME A24D16 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
   VME A24D32 Slave Controller
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
   VME A32D32 Slave Controller
logo
Cypress Semiconductor
SL811S CYPRESS-SL811S Datasheet
388Kb / 27P
   USB Dual Speed Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com