전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430FR6007 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430FR6007
상세설명  MSP430FR600x Ultrasonic Sensing MSP430??Microcontrollers for Water?멝etering Applications
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6007 데이터시트(HTML) 16 Page - Texas Instruments

Back Button MSP430FR6007 Datasheet HTML 12Page - Texas Instruments MSP430FR6007 Datasheet HTML 13Page - Texas Instruments MSP430FR6007 Datasheet HTML 14Page - Texas Instruments MSP430FR6007 Datasheet HTML 15Page - Texas Instruments MSP430FR6007 Datasheet HTML 16Page - Texas Instruments MSP430FR6007 Datasheet HTML 17Page - Texas Instruments MSP430FR6007 Datasheet HTML 18Page - Texas Instruments MSP430FR6007 Datasheet HTML 19Page - Texas Instruments MSP430FR6007 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 179 page
background image
16
MSP430FR6007, MSP430FR6005
SLASEV3 – MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR6007 MSP430FR6005
Terminal Configuration and Functions
Copyright © 2020, Texas Instruments Incorporated
Table 4-1. Pin Attributes (continued)
PIN NUMBER
SIGNAL NAME(1) (2)
SIGNAL TYPE(3)
BUFFER TYPE(4)
POWER SOURCE(5)
RESET STATE
AFTER BOR(6)
(7)
Do not connect USSXTIN and USSXTOUT pins to AVCC nor to DVCC. USSXTIN does not support bypass mode, so do not drive an
external clock on the USSXTIN pin.
96
AVSS5
P
Power
N/A
97
USSXTIN(7)
I
Analog
1.5 V
98
USSXTOUT(7)
O
Analog
1.5 V
99
AVSS1
P
Power
N/A
100
AVCC1
P
Power
N/A


유사한 부품 번호 - MSP430FR6007

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MSP430FR6035 TI1-MSP430FR6035 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZ TI1-MSP430FR6035IPZ Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZR TI1-MSP430FR6035IPZR Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6037 TI1-MSP430FR6037 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR60371 TI1-MSP430FR60371 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results

유사한 설명 - MSP430FR6007

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6047 TI1-MSP430FR6047 Datasheet
1Mb / 177P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6043 TI1-MSP430FR6043 Datasheet
2Mb / 187P
[Old version datasheet]   ultrasonic sensing MSP430 microcontrollers for gas and water flow metering applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com