전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSP430FR6007 데이터시트(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
부품명 MSP430FR6007
상세설명  MSP430FR600x Ultrasonic Sensing MSP430??Microcontrollers for Water?멝etering Applications
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR6007 데이터시트(HTML) 80 Page - Texas Instruments

Back Button MSP430FR6007 Datasheet HTML 76Page - Texas Instruments MSP430FR6007 Datasheet HTML 77Page - Texas Instruments MSP430FR6007 Datasheet HTML 78Page - Texas Instruments MSP430FR6007 Datasheet HTML 79Page - Texas Instruments MSP430FR6007 Datasheet HTML 80Page - Texas Instruments MSP430FR6007 Datasheet HTML 81Page - Texas Instruments MSP430FR6007 Datasheet HTML 82Page - Texas Instruments MSP430FR6007 Datasheet HTML 83Page - Texas Instruments MSP430FR6007 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 179 page
background image
80
MSP430FR6007, MSP430FR6005
SLASEV3 – MARCH 2020
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430FR6007 MSP430FR6005
Detailed Description
Copyright © 2020, Texas Instruments Incorporated
6.9
FRAM Controller A (FRCTL_A)
The FRAM can be programmed through the JTAG port, SBW, the BSL, or in-system by the CPU.
Features of the FRAM include:
Ultra-low-power ultra-fast-write nonvolatile memory
Byte and word access capability
Programmable wait state generation
Error correction coding (ECC)
NOTE
Wait States
For MCLK frequencies > 8 MHz, wait states must be configured following the flow described
in the "Wait State Control" section of the FRAM Controller A (FRCTRL_A) chapter in the
MSP430FR58xx, MSP430FR59xx, and MSP430FR6xx Family User's Guide.
For important software design information regarding FRAM including but not limited to partitioning the
memory layout according to application-specific code, constant, and data space requirements, the use of
FRAM to optimize application energy consumption, and the use of the Memory Protection Unit (MPU) to
maximize application robustness by protecting the program code against unintended write accesses, see
MSP430™ FRAM Technology – How To and Best Practices.
6.10 RAM
The RAM is made up of three sectors: Sector 0 = 2KB, Sector 1 = 2KB, Sector 2 = 4KB (shared with
LEA). Each sector can be individually powered down in LPM3 and LPM4 to save leakage. All data in the
sector is lost when a sector is powered down.
6.11 Tiny RAM
Tiny RAM is 22 bytes of RAM in addition to the complete RAM (see Table 6-45). This memory is always
available, even in LPM3 and LPM4, while the complete RAM can be powered down in LPM3 and LPM4.
Tiny RAM can be used to hold data or a very small stack when the complete RAM is powered down in
LPM3 and LPM4. No memory is available in LPMx.5.
6.12 Memory Protection Unit (MPU) Including IP Encapsulation
The FRAM can be protected by the MPU from inadvertent CPU execution, read access, or write access.
Features of the MPU include:
IP encapsulation with programmable boundaries in steps of 1KB (prevents reads from outside the
application; for example, through JTAG or by non-IP software).
Main memory partitioning is programmable up to three segments in steps of 1KB.
Access rights of each segment can be individually selected (main and information memory).
Access violation flags with interrupt capability for easy servicing of access violations.


유사한 부품 번호 - MSP430FR6007

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MSP430FR6035 TI1-MSP430FR6035 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZ TI1-MSP430FR6035IPZ Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6035IPZR TI1-MSP430FR6035IPZR Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6037 TI1-MSP430FR6037 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR60371 TI1-MSP430FR60371 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results

유사한 설명 - MSP430FR6007

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6047 TI1-MSP430FR6047 Datasheet
1Mb / 177P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
MSP430FR6043 TI1-MSP430FR6043 Datasheet
2Mb / 187P
[Old version datasheet]   ultrasonic sensing MSP430 microcontrollers for gas and water flow metering applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
STMicroelectronics
AN4313 STMICROELECTRONICS-AN4313 Datasheet
232Kb / 15P
   Guidelines for designing touch sensing applications Guidelines for designing touch sensing applications
logo
Ohmite Mfg. Co.
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com