전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCM1840 데이터시트(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
부품명 PCM1840
상세설명  PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1840 데이터시트(HTML) 19 Page - Texas Instruments

Back Button PCM1840 Datasheet HTML 15Page - Texas Instruments PCM1840 Datasheet HTML 16Page - Texas Instruments PCM1840 Datasheet HTML 17Page - Texas Instruments PCM1840 Datasheet HTML 18Page - Texas Instruments PCM1840 Datasheet HTML 19Page - Texas Instruments PCM1840 Datasheet HTML 20Page - Texas Instruments PCM1840 Datasheet HTML 21Page - Texas Instruments PCM1840 Datasheet HTML 22Page - Texas Instruments PCM1840 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D001
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D001
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D001
19
PCM1840
www.ti.com
SBAS989 – APRIL 2019
Product Folder Links: PCM1840
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3.7.2.1.2
Sampling Rate: 16 kHz or 14.7 kHz
Figure 26 and Figure 27 respectively show the magnitude response and the pass-band ripple for a decimation
filter with a sampling rate of 16 kHz or 14.7 kHz. Table 9 lists the specifications for a decimation filter with an 16-
kHz or 14.7-kHz sampling rate.
Figure 26. Linear Phase Decimation Filter Magnitude
Response
Figure 27. Linear Phase Decimation Filter Pass-Band
Ripple
Table 9. Linear Phase Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.454 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.58 × fS to 4 × fS
73.3
dB
Frequency range is 4 × fS onwards
95.0
Group delay or latency
Frequency range is 0 to 0.454 × fS
15.7
1/fS
7.3.7.2.1.3
Sampling Rate: 24 kHz or 22.05 kHz
Figure 28 and Figure 29 respectively show the magnitude response and the pass-band ripple for a decimation
filter with a sampling rate of 24 kHz or 22.05 kHz. Table 10 lists the specifications for a decimation filter with an
24-kHz or 22.05-kHz sampling rate.
Figure 28. Linear Phase Decimation Filter Magnitude
Response
Figure 29. Linear Phase Decimation Filter Pass-Band
Ripple
Table 10. Linear Phase Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.454 × fS
–0.05
0.05
dB
Stop-band attenuation
Frequency range is 0.58 × fS to 4 × fS
73.0
dB
Frequency range is 4 × fS onwards
96.4
Group delay or latency
Frequency range is 0 to 0.454 × fS
16.6
1/fS


유사한 부품 번호 - PCM1840

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
PCM1800 BURR-BROWN-PCM1800 Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1800 TI1-PCM1800 Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
PCM1800E BURR-BROWN-PCM1800E Datasheet
172Kb / 15P
   Single-Ended Analog Input 20-Bit Stereo ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
PCM1800E TI1-PCM1800E Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
PCM1800E/2K TI1-PCM1800E/2K Datasheet
829Kb / 27P
[Old version datasheet]   STEREO ANALOG-TO-DIGITAL CONVERTER
More results

유사한 설명 - PCM1840

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCM1820 TI-PCM1820_V02 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED JUNE 2021
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820 Datasheet
2Mb / 40P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1822 TI-PCM1822 Datasheet
2Mb / 41P
[Old version datasheet]   PCM1822 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
MAY 2022
PCM1822-Q1 TI-PCM1822-Q1_V01 Datasheet
3Mb / 44P
[Old version datasheet]   PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1822-Q1 TI-PCM1822-Q1 Datasheet
3Mb / 43P
[Old version datasheet]   PCM1822-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
TLV320ADC3140 TI1-TLV320ADC3140_V02 Datasheet
3Mb / 123P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
TLV320ADC3140 TI1-TLV320ADC3140_V01 Datasheet
3Mb / 120P
[Old version datasheet]   TLV320ADC3140 Quad-Channel, 768-kHz, Burr-BrownTM Audio ADC
PCM1820-Q1 TI-PCM1820-Q1_V01 Datasheet
3Mb / 44P
[Old version datasheet]   PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
PCM1820-Q1 TI-PCM1820-Q1 Datasheet
3Mb / 44P
[Old version datasheet]   PCM182(0/1)-Q1 Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com