전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TAS5441-Q1 데이터시트(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
부품명 TAS5441-Q1
상세설명  TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5441-Q1 데이터시트(HTML) 16 Page - Texas Instruments

Back Button TAS5441-Q1 Datasheet HTML 12Page - Texas Instruments TAS5441-Q1 Datasheet HTML 13Page - Texas Instruments TAS5441-Q1 Datasheet HTML 14Page - Texas Instruments TAS5441-Q1 Datasheet HTML 15Page - Texas Instruments TAS5441-Q1 Datasheet HTML 16Page - Texas Instruments TAS5441-Q1 Datasheet HTML 17Page - Texas Instruments TAS5441-Q1 Datasheet HTML 18Page - Texas Instruments TAS5441-Q1 Datasheet HTML 19Page - Texas Instruments TAS5441-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
TAS5441-Q1
SLOSE41 – APRIL 2020
www.ti.com
Product Folder Links: TAS5441-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
See SLOA264 for I2C applications.
7.4 Device Functional Modes
7.4.1 Hardware Control Pins
Three discrete hardware pins are available for real-time control and indication of device status.
1. FAULT pin: This active-low open-drain output pin indicates the presence of a fault condition which requires
the device to go into the Hi-Z mode. On assertion of this pin, the device has protected itself and the system
from potential damage. The system can read the exact nature of the fault via I2C with the exception of PVDD
undervoltage faults below POR, in which case the I2C bus is no longer operational.
2. STANDBY pin: Assertion of this active-low pin sends the device into a complete shutdown, limiting the
current draw. Load-dump protection is supported and I2C is non-blocking, but inactive.
3. MUTE pin: On assertion of this active-high pin, the device is in mute mode. The output pins stop switching
and audio does not pass from the input to the output. To place the device back into play mode, deassert this
pin. The MUTE pin should be asserted low when the device is in STANDBY.
7.4.2 EMI Considerations
Automotive-level EMI performance depends on both careful integrated-circuit design and good system-level
design. Controlling sources of electromagnetic interference (EMI) was a major consideration in all aspects of the
design.
The design has minimal parasitic inductances due to the short leads on the package, which dramatically reduces
the EMI that results from current passing from the die to the system PCB. The design incorporates circuitry that
optimizes output transitions that cause EMI.
7.4.3 Operating Modes and Faults
The following tables list operating modes and faults.
Table 2. Operating Modes
STATE NAME
OUTPUT
OSCILLATOR
I2C (1)
STANDBY
Hi-Z, floating
Stopped
Inactive, Non-blocking
Load diagnostic
DC biased
Active
Active
Fault and mute
Hi-Z, floating
Active
Active
Play
Switching with audio
Active
Active
(1)
Tested in accordance with ISO7637-1
Table 3. Faults and Actions
FAULT
EVENT
FAULT EVENT
CATEGORY
MONITORING
MODES
REPORTING
METHOD
ACTION
TYPE
ACTION
RESULT
CLEARING
POR
Voltage fault
Play,
Mute,STANDBY
Not applicable
Hard mute (no ramp)
Standby
Self-clearing
UV or OV
I2C + FAULT pin
Hi-Z
Load dump(1)
FAULT pin
OTSD
Thermal fault
Hi-Z, Mute, Play
I2C + FAULT pin
OC fault
Output channel
fault
Play
DC detect
Load diagnostic -
short
Diagnostic
Hi-Z
None
Hi-Z, re-run
diagnostics
Load diagnostic -
open
I2C
None
Clears on next
diagnostic
cycle


유사한 부품 번호 - TAS5441-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TAS5404-Q1 TI1-TAS5404-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Analog Single-Ended Input 4-Channel Class-D Amp
TAS5404-Q1 TI-TAS5404-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
TAS5404TPHDRQ1 TI1-TAS5404TPHDRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   Analog Single-Ended Input 4-Channel Class-D Amp
TAS5404TPHDRQ1 TI-TAS5404TPHDRQ1 Datasheet
2Mb / 47P
[Old version datasheet]   TAS5404-Q1: 26-W Analog Single-Ended Input 4-Channel Class-D Amp with Load Dump Protection and I2C Diagnostics
TAS5411-Q1 TI1-TAS5411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Mono Automotive Class-D Audio Amplifier
More results

유사한 설명 - TAS5441-Q1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TAS5421-Q1 TI-TAS5421-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TAS5421-Q1 22-W Mono Automotive Digital-Audio Amplifier With Load Dump and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
[Old version datasheet]   50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1_18 Datasheet
1Mb / 12P
[Old version datasheet]   45-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TPA6304-Q1 TI1-TPA6304-Q1 Datasheet
272Kb / 5P
[Old version datasheet]   TPA6304-Q1 45-W, 2.1-MHz Analog Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
[Old version datasheet]   75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1 Datasheet
2Mb / 77P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424E-Q1 TI-TAS6424E-Q1_V01 Datasheet
3Mb / 80P
[Old version datasheet]   TAS6424E-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS6424MS-Q1 TI-TAS6424MS-Q1 Datasheet
3Mb / 75P
[Old version datasheet]   TAS6424MS-Q1 45-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS5431-Q1 TI1-TAS5431-Q1 Datasheet
700Kb / 28P
[Old version datasheet]   TAS5431-Q1 8-W Mono Automotive Digital-audio Amplifier with Load Dump and I2C Diagnostics
TAS6422E-Q1 TI-TAS6422E-Q1 Datasheet
1,013Kb / 6P
[Old version datasheet]   TAS6422E-Q1 45-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com