์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

E6A2-C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Omron Electronics LLC

๋ถ€ํ’ˆ๋ช… E6A2-C
์ƒ์„ธ๋‚ด์šฉ  Compact Encoder with External Diameter of 25 mm
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  OMRON [Omron Electronics LLC]
ํ™ˆํŽ˜์ด์ง€  http://www.omron.com/index3.html
Logo 

E6A2-C ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Omron Electronics LLC

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 4 / 5 page
background image
4
E6A2-C
(Unit: mm)
Dimensions
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Encoder
Accessories (Order Separately)
Coupling
Servo Mounting Bracket
E69-C04B
E69-1
Refer to Accessories for details.
12 0
-0.05 dia.
4 0
-0.012
dia.
3.6
22 dia.
1.5
1.5
8
(46.5)
229
10
*
6
5.5
25 dia.
18
ยฑ0.2
* 4-dia. vinyl-insulated round cable with 5 conductors (Conductor cross
section: 0.14 mm
2, Insulator diameter: 0.9 mm),
Standard length: 500 mm
Two, M3 holes,
Depth: 4
E6A2-C


Html Pages

1  2  3  4  5 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn