์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TLV197-Q1 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 20 Page - Texas Instruments

Click here to check the latest version.
๋ถ€ํ’ˆ๋ช… TLV197-Q1
์ƒ์„ธ๋‚ด์šฉ  TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TI1 [Texas Instruments]
ํ™ˆํŽ˜์ด์ง€  http://www.ti.com
Logo 

TLV197-Q1 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 20 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 39 page
 20 / 39 page
background image
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
160.0
10M
100M
1G
10G
Frequency (Hz)
C017
P
RF = -10 dBm
V
SUPPLY = ยฑ18 V
V
CM = 0 V
20
TLV197-Q1, TLV2197-Q1, TLV4197-Q1
SBOS935 โ€“ APRIL 2020
www.ti.com
Product Folder Links: TLV197-Q1 TLV2197-Q1 TLV4197-Q1
Submit Documentation Feedback
Copyright ยฉ 2020, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 EMI Rejection
The TLVx197-Q1 uses integrated electromagnetic interference (EMI) filtering to reduce the effects of EMI from
sources such as wireless communications and densely-populated boards with a mix of analog signal chain and
digital components. EMI immunity can be improved with circuit design techniques; the TLVx197-Q1 benefits from
these design improvements. Texas Instruments has developed the ability to accurately measure and quantify the
immunity of an operational amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz.
Figure 36 shows the results of this testing on the TLVx197-Q1. Table 1 shows the EMIRR IN+ values for the
TLVx197-Q1 at particular frequencies commonly encountered in real-world applications. Applications listed in
Table 1 may be centered on or operated near the particular frequency shown. Detailed information can also be
found in the EMI Rejection Ratio of Operational Amplifiers application report, available for download from
www.ti.com.
Figure 36. EMIRR Testing
Table 1. TLVx197-Q1 EMIRR IN+ For Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF) applications
44.1 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation, GPS
(to 1.6 GHz), GSM, aeronautical mobile, UHF applications
52.8 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
61.0 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetoothยฎ, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
69.5 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
88.7 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
105.5 dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn