전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TLV197-Q1 데이터시트(HTML) 14 Page - Texas Instruments

Click here to check the latest version.
부품명 TLV197-Q1
상세내용  TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo 

TLV197-Q1 데이터시트(HTML) 14 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
/ 39 page
 14 / 39 page
background image
0.8
0.9
1
1.1
1.2
75
50
25
0
25
50
75
100
125
150
C001
V
S = ±18 V
V
S = ±2.25 V
Temperature (°C)
0.8
0.9
1.0
1.1
1.2
0
4
8
12
16
20
24
28
32
36
Supply Voltage (V)
–140
–120
–100
–80
–60
0.00001
0.0001
0.001
0.01
0.1
10
100
1k
10k
Frequency (Hz)
G = +1 V/V, RL = 10 kΩ
G = +1 V/V, RL = 2 kΩ
G = –1 V/V, RL = 10 kΩ
G = –1 V/V, RL = 2 kΩ
–140
–120
–100
–80
–60
0.00001
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
Output Amplitude (V
)
RMS
G = +1 V/V, RL = 10 kΩ
G = +1 V/V, RL = 2 kΩ
G = –1 V/V, RL = 10 kΩ
G = –1 V/V, RL = 2 kΩ
Time (1 s/div)
C001
Peak-to-Peak Noise = V
RMS × 6.6 = 1.30 µVpp
1
10
100
1000
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C002
VCM = V+ – 100 mV
N-Channel Input
VCM = 0 V
P-Channel Input
14
TLV197-Q1, TLV2197-Q1, TLV4197-Q1
SBOS935 – APRIL 2020
www.ti.com
Product Folder Links: TLV197-Q1 TLV2197-Q1 TLV4197-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Figure 13. 0.1-Hz to 10-Hz Noise
Figure 14. Input Voltage Noise Spectral Density
vs Frequency
VOUT = 3.5 VRMS, BW = 80 kHz
Figure 15. THD+N Ratio vs Frequency
f = 1 kHz, BW = 80 kHz
Figure 16. THD+N vs Output Amplitude
Figure 17. Quiescent Current vs Supply Voltage
Figure 18. Quiescent Current vs Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn