전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPM1210SJ 데이터시트(PDF) 6 Page - TAMURA Corporation.

부품명 EPM1210SJ
상세설명  Power Modules 竊늁ower Supplies with Ultra-low Standby Power Consumption竊
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAMURA [TAMURA Corporation.]
홈페이지  https://www.tamuracorp.com/
Logo TAMURA - TAMURA Corporation.

EPM1210SJ 데이터시트(HTML) 6 Page - TAMURA Corporation.

  EPM1210SJ Datasheet HTML 1Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 2Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 3Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 4Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 5Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 6Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 7Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 8Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 9Page - TAMURA Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
EPM1210SJ
Datasheet
■Recommended hole diameter and land size
Unit:mm
Component side
■Terminal function and connection
Secondaries
No terminal
No terminal
No terminal
Non-contact terminal
※Don't connect with other circuits.
Output terminal (+)
Non-contact terminal
※Don't connect with other circuits.
Output terminal (-)
Primaries
Non-contact terminal
※Don't connect with other circuits.
Non-contact terminal
※Don't connect with other circuits.
DC voltage input terminal (-)
Terminal for start-up time adjustment
DC voltage input terminal (+)
No terminal
Terminal for noise adjustment
TAMURA CORPORATION
Rev.G Feb, 2018
5
+DC OUT
6
N.C.
14
Drain
Name
13
8
N.C.
9
2
The round pulling out figure is a pin
numbering.
Pin No.
1
Explanation of terminals
Name
3
7
-DC OUT
4
SecW
Explanation of terminals
11
Vcc
12
+DC IN
Pin No.
10
-DC IN
VccW
6 / 9


유사한 부품 번호 - EPM1210SJ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
EPM121 ETC2-EPM121 Datasheet
18Kb / 1P
   Piezo Ceramic Transducers
EPM121A0A ETC2-EPM121A0A Datasheet
18Kb / 1P
   Piezo Ceramic Transducers
EPM121A1AWPT ETC2-EPM121A1AWPT Datasheet
18Kb / 1P
   Piezo Ceramic Transducers
More results

유사한 설명 - EPM1210SJ

제조업체부품명데이터시트상세설명
logo
TAMURA Corporation.
BPM0580SJ TAMURA-BPM0580SJ Datasheet
274Kb / 9P
   Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM2417SJ TAMURA-BPM2417SJ Datasheet
276Kb / 9P
   Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM1527SJ TAMURA-BPM1527SJ Datasheet
277Kb / 9P
   Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM1234SJ TAMURA-BPM1234SJ Datasheet
280Kb / 9P
   Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
logo
OptoSupply Internationa...
OC011NKG8 OPTOSUPPLY-OC011NKG8 Datasheet
100Kb / 1P
   Low power consumption竊똄nergy saving
logo
SHANGHAI BELLING CO., L...
BL9103 BELLING-BL9103 Datasheet
297Kb / 6P
   250mA竊똋ow Power Consumption LDO
logo
Gulf Semiconductor
UESA06J GULFSEMI-UESA06J Datasheet
92Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com