전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPM1210SJ 데이터시트(PDF) 7 Page - TAMURA Corporation.

부품명 EPM1210SJ
상세설명  Power Modules 竊늁ower Supplies with Ultra-low Standby Power Consumption竊
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAMURA [TAMURA Corporation.]
홈페이지  https://www.tamuracorp.com/
Logo TAMURA - TAMURA Corporation.

EPM1210SJ 데이터시트(HTML) 7 Page - TAMURA Corporation.

  EPM1210SJ Datasheet HTML 1Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 2Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 3Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 4Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 5Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 6Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 7Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 8Page - TAMURA Corporation. EPM1210SJ Datasheet HTML 9Page - TAMURA Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EPM1210SJ
Datasheet
■Application circuit example
D101
Diode
D2SB60
SHINDENGEN
L101
Inductor
LF-4Z-E393
KORIN
L201
Inductor
PJ5H-2R2M
KORIN
C101
Capacitor
LE104-MX
OKAYA
C102
Capacitor
450BXC47M
RUBYCON
C103
Capacitor
CD45-E2GA102M
TDK
C201
Capacitor
25ZLG330M
RUBYCON
C202
Capacitor
25ZLG330M
RUBYCON
F101
Fuse
FIH 250V 1.6A
NIPPON-SEISEN
※Mount the fuse on the input Live side to ensure safety without fail.
Recommended parts:FIH 250V 1.6A~2.5A/NIPPON-SEISEN
※Depend on the applying safety standard, please add the discharge resistance in paralell with C101.
TAMURA CORPORATION
Rev.G Feb, 2018
Symbol
Description
Part No.
Manufacturer
D101
L101
N
L
AC85V~AC276V (50/60Hz)
F101
C101
C102
N.C.
12
10
11
14
9
N.C.
EPM module
Drain
Vcc
VccW
-DC IN
+DC IN
-DC OUT
+DC OUT
C103
L201
C201
5
C202
6
7
4
8 N.C.
SecW
+DC OUT
-DC OUT
N.C.
N.C.
N.C.
N.C.
N.C.
7 / 9


유사한 부품 번호 - EPM1210SJ

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
EPM121 ETC2-EPM121 Datasheet
18Kb / 1P
   Piezo Ceramic Transducers
EPM121A0A ETC2-EPM121A0A Datasheet
18Kb / 1P
   Piezo Ceramic Transducers
EPM121A1AWPT ETC2-EPM121A1AWPT Datasheet
18Kb / 1P
   Piezo Ceramic Transducers
More results

유사한 설명 - EPM1210SJ

제조업체부품명데이터시트상세설명
logo
TAMURA Corporation.
BPM0580SJ TAMURA-BPM0580SJ Datasheet
274Kb / 9P
   Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM2417SJ TAMURA-BPM2417SJ Datasheet
276Kb / 9P
   Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM1527SJ TAMURA-BPM1527SJ Datasheet
277Kb / 9P
   Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
BPM1234SJ TAMURA-BPM1234SJ Datasheet
280Kb / 9P
   Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Rev.E Dec, 2016
logo
OptoSupply Internationa...
OC011NKG8 OPTOSUPPLY-OC011NKG8 Datasheet
100Kb / 1P
   Low power consumption竊똄nergy saving
logo
SHANGHAI BELLING CO., L...
BL9103 BELLING-BL9103 Datasheet
297Kb / 6P
   250mA竊똋ow Power Consumption LDO
logo
Gulf Semiconductor
UESA06J GULFSEMI-UESA06J Datasheet
92Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com