전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EPM1210SJ 데이터시트(HTML) 3 Page - TAMURA Corporation.

부품명 EPM1210SJ
상세내용  Power Modules (Power Supplies with Ultra-low Standby Power Consumption)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TAMURA [TAMURA Corporation.]
홈페이지  https://www.tamuracorp.com/
Logo 

EPM1210SJ 데이터시트(HTML) 3 Page - TAMURA Corporation.

   
Zoom Inzoom in Zoom Outzoom out
/ 9 page
 3 / 9 page
background image
EPM1210SJ
Datasheet
■Protection
Item
Specification
Conditions・Note
Overcurrent protection
1.05A or more
Hiccup mode
Overvoltage protection
13.5~18V
Latch off
Overheat protection
Latch off
■Insulation
Item
Specification
Conditions・Note
Dielectric withstand voltage
AC3.75kV 1min
Cutoff 2mA
(Between Pri-Sec)
Insulation resistance
100MΩ or more
DC500V
(Between Pri-Sec)
■Environmental conditions
Item
Specification
Conditions・Note
Operation temperature
-20℃~80℃
Refer to the Ambient temperature derating curve
Operating humidity
20~95%RH
(No condensation)
Storage temperature
-25℃~85℃
Storage humidit
5~95%RH
(No condensation)
■Ambient temperature derating curve
■Input voltage derating curve
Reduce the load current according to the following
Reduce the load current according to the following
temperature derating table.
input voltage derating table.
TAMURA CORPORATION
Rev.G Feb, 2018
Input voltage(Vdc)
50
60
20
40
80
60
100
70
80
90
100
120
110
0
Ambient Temperature(℃)
-20
-10
20
40
80
60
100
0
10
20
30
70
60
50
40
80
0
3 / 9


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn