전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSP08XDSE15A1 데이터시트(PDF) 1 Page - Schneider Electric

부품명 SSP08XDSE15A1
상세설명  SPD - XDSE Type 1 - 600Y/347V - 3PH - 4 Wire - 150kA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

SSP08XDSE15A1 데이터시트(HTML) 1 Page - Schneider Electric

  SSP08XDSE15A1 Datasheet HTML 1Page - Schneider Electric SSP08XDSE15A1 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
SSP08XDSE15A1
SPD - XDSE Type 1 - 600Y/347V - 3PH - 4 Wire -
150kA
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 3,500.00 USD
Main
Product
Surge protection device
Complementary
Surge Current
150 A per phase
Voltage Rating
600Y/347 V AC
Number of Phases
3 phase
Wiring Configuration
4-wire
MCOV
420 V
Rated Current
20 kA
Input voltage
1500 V L-N
1500 V L - G
1500 V L - L
2500 V N - G
Height
5.98 in (152 mm)
Width
5.98 in (152 mm)
Depth
3.98 in (101 mm)
Environment
Enclosure Rating
NEMA 4X
Ordering and shipping details
Category
08466 - SURGE PROTECTION HWA
Discount Schedule
DE1B
Returnability
No
Apr 16, 2020
1


유사한 부품 번호 - SSP08XDSE15A1

제조업체부품명데이터시트상세설명
logo
Schneider Electric
SSP08XDSE15A SCHNEIDER-SSP08XDSE15A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 600Y/347V - 3PH - 4 Wire - 150kA
More results

유사한 설명 - SSP08XDSE15A1

제조업체부품명데이터시트상세설명
logo
Schneider Electric
SSP08XDSE15A SCHNEIDER-SSP08XDSE15A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 600Y/347V - 3PH - 4 Wire - 150kA
SSP08XDSE20A1 SCHNEIDER-SSP08XDSE20A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 600Y/347V - 3PH - 4 Wire - 200kA
SSP08XDSE10A1 SCHNEIDER-SSP08XDSE10A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 600Y/347V - 3PH - 4 Wire - 100kA
SSP08XDSE20A SCHNEIDER-SSP08XDSE20A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 600Y/347V - 3PH - 4 Wire - 200kA
SSP06XDSE15A1 SCHNEIDER-SSP06XDSE15A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 240V Delta - 3PH - 3 Wire - 150kA
SSP02XDSE15A1 SCHNEIDER-SSP02XDSE15A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 208Y/120V - 3PH - 4 Wire - 150kA
SSP04XDSE15A1 SCHNEIDER-SSP04XDSE15A1 Datasheet
135Kb / 2P
   SPD - XDSE Type 1 - 480Y/277V - 3PH - 4 Wire - 150kA
SSP08XDSE10A SCHNEIDER-SSP08XDSE10A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 600Y/347V - 3PH - 4 Wire - 100kA
SSP04XDSE15A SCHNEIDER-SSP04XDSE15A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 480Y/277V - 3PH - 4 Wire - 150kA
SSP02XDSE15A SCHNEIDER-SSP02XDSE15A Datasheet
135Kb / 2P
   SPD - XDSE Type 2 - 208Y/120V - 3PH - 4 Wire - 150kA
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com