전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HR2IMA24C 데이터시트(HTML) 2 Page - Schneider Electric

부품명 HR2IMA24C
상세내용  Surge Protect - IMA - HR - 240kA - 208Y/120VAC - 3P4W - T2
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo 

HR2IMA24C 데이터시트(HTML) 2 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
Depth
5.59 in (142.1 mm)
Cable length
19.02 in (483 mm)
Environment
Enclosure Rating
NEMA 2
Standards
UL 1449:ed. 3
UL 1283:ed. 5
CSA C22.2 No 8:1986
UL 96A:ed. 12
UL 489:ed. 11
CSA C22.2 No 5-09
Ordering and shipping details
Category
08460 - SURGE PROTECTION I-LINE
Discount Schedule
DE1B
Returnability
No
Country of origin
MX
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds which is
known to the State of California to cause Carcinogen & Reproductive harm. For more information go
to www.p65warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
2


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn