전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

HR4IMA16C 데이터시트(HTML) 1 Page - Schneider Electric

부품명 HR4IMA16C
상세내용  Surge Protect - IMA - HR - 160kA - 480Y/277VAC - 3P4W - T2
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo 

HR4IMA16C 데이터시트(HTML) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
Product data sheet
Characteristics
HR4IMA16C
Surge Protect - IMA - HR - 160kA - 480Y/277VAC
- 3P4W - T2
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 12,039.00 USD
Main
Product
Surge protection device
Range
Surgelogic
Device Short Name
IMA
Type
HR
Complementary
Surge Current
160 kA
Voltage Rating
480Y/277 V AC
Number of Phases
3 phase
Wiring Configuration
4-wire
Connection
I-Line line
Lugs ground AWG 6 copper 35.40 lbf.in (4 N.m)
Lugs neutral AWG 6 copper 35.40 lbf.in (4 N.m)
MCOV
320 V
Max Number of Poles
3
Rated Current
60 A
Breaking Capacity
100 kA
Trip Unit Technology
Electronic
SCCR
200 kA
Local Signalling
Status LED green per phase normal operation
Status LED red per phase fault
Provided Equipment
Alarm enable/disable switch
Surge counter
Circuit breaker
Mounting Support
Panel mounting
Height
12.16 in (308.9 mm)
Width
13.46 in (341.9 mm)
May 15, 2020
1


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn