전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HR5IMA12C 데이터시트(PDF) 1 Page - Schneider Electric

부품명 HR5IMA12C
상세설명  Surge Protect - IMA - HR - 120kA - 480VAC delta - 3P3W - T2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HR5IMA12C 데이터시트(HTML) 1 Page - Schneider Electric

  HR5IMA12C Datasheet HTML 1Page - Schneider Electric HR5IMA12C Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
HR5IMA12C
Surge Protect - IMA - HR - 120kA - 480VAC delta
- 3P3W - T2
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 10,944.00 USD
Main
Product
Surge protection device
Range
Surgelogic
Device Short Name
IMA
Type
HR
Complementary
Surge Current
120 kA
Voltage Rating
480 V delta AC
Number of Phases
3 phase
Wiring Configuration
3-wire
Connection
I-Line line
Lugs ground AWG 6 copper 35.40 lbf.in (4 N.m)
Lugs neutral AWG 6 copper 35.40 lbf.in (4 N.m)
MCOV
550 V
Max Number of Poles
3
Rated Current
60 A
Breaking Capacity
100 kA
Trip Unit Technology
Electronic
SCCR
200 kA
Local Signalling
Status LED green per phase normal operation
Status LED red per phase fault
Provided Equipment
Alarm enable/disable switch
Surge counter
Circuit breaker
Mounting Support
Panel mounting
Height
12.16 in (308.9 mm)
Width
13.46 in (341.9 mm)
May 15, 2020
1


유사한 부품 번호 - HR5IMA12C

제조업체부품명데이터시트상세설명
logo
Schneider Electric
HR5IMA12C1 SCHNEIDER-HR5IMA12C1 Datasheet
152Kb / 2P
   Surge Protect - IMA - HR - 120kA - 480VAC delta - 3P3W - T1
More results

유사한 설명 - HR5IMA12C

제조업체부품명데이터시트상세설명
logo
Schneider Electric
TVS5IMA12O SCHNEIDER-TVS5IMA12O Datasheet
100Kb / 2P
   Surge Protect - IMA - 120kA - 480VAC delta - 3P3W - T2
HR5IMA12C1 SCHNEIDER-HR5IMA12C1 Datasheet
152Kb / 2P
   Surge Protect - IMA - HR - 120kA - 480VAC delta - 3P3W - T1
HR6IMA12C SCHNEIDER-HR6IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 240VAC delta - 3P3W - T2
HR5IMA24C SCHNEIDER-HR5IMA24C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 240kA - 480VAC delta - 3P3W - T2
HR9IMA12C SCHNEIDER-HR9IMA12C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 120kA - 600VAC delta - 3P3W - T2
HR5IMA20C SCHNEIDER-HR5IMA20C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 200kA - 480VAC delta - 3P3W - T2
HL5IMA12C SCHNEIDER-HL5IMA12C Datasheet
152Kb / 2P
   Surge Protect - IMA - HL - 120kA - 480VAC delta - 3P3W - T2
HR5IMA10C SCHNEIDER-HR5IMA10C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 100kA - 480VAC delta - 3P3W - T2
HR5IMA16C SCHNEIDER-HR5IMA16C Datasheet
153Kb / 2P
   Surge Protect - IMA - HR - 160kA - 480VAC delta - 3P3W - T2
TVS5IMA12O1 SCHNEIDER-TVS5IMA12O1 Datasheet
101Kb / 2P
   Surge Protect - IMA - 120kA - 480VAC delta - 3P3W - T1
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com