전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

RN4981 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 RN4981
부품 상세설명  Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN4981 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  RN4981 Datasheet HTML 1Page - Toshiba Semiconductor RN4981 Datasheet HTML 2Page - Toshiba Semiconductor RN4981 Datasheet HTML 3Page - Toshiba Semiconductor RN4981 Datasheet HTML 4Page - Toshiba Semiconductor RN4981 Datasheet HTML 5Page - Toshiba Semiconductor RN4981 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN4981
2001-06-07
1
TOSHIBA Transistor
Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process)
RN4981
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
Includeing two devices in US6 (ultra super mini type with 6 leads)
With built-in bias resistors
Simplify circuit design
Reduce a quantity of parts and manufacturing process
Equivalent Circuit and Bias Resister Values
R1: 4.7kΩ
R2: 4.7kΩ
(Q1, Q2 Common)
Q1 Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
10
V
Collector current
IC
100
mA
Q2 Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−10
V
Collector current
IC
−100
mA
JEDEC
EIAJ
TOSHIBA
2-2J1A
Weight: 6.8mg
Unit: mm


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL