전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L60030C-3SQ 데이터시트(PDF) 1 Page - Littelfuse

부품명 L60030C-3SQ
상세설명  Class CC/CD and Midget Fuse Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L60030C-3SQ 데이터시트(HTML) 1 Page - Littelfuse

  L60030C-3SQ Datasheet HTML 1Page - Littelfuse L60030C-3SQ Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
102
Class CC/CD and Midget Fuse Blocks
600 Volt
SPECIFICATIONS
Voltage Rating: 600 Volt
Ampere ratings:L60030C: 30 amps
L60030M: 30 amps
L60060C: 60 amps
Dielectric strength: 1200 volts minimum
Clip/terminals: Tin-plated copper alloy
Box lug: Copper
Screw and captive pressure plate: Zinc-plated steel
Base: Thermoplastic. UL 94VO flammability rating.
Approvals: Class CC: UL Listed (File No. E14721)
Midget:
UL Recognized (File No. E14721)
Class CC/Midget: CSA Certified
(File No. LR7316)
RECOMMENDED FUSES
Class CC Blocks
Midget Blocks
KLDR
BLF FLM
KLKR
BLN FLQ
CCMR
BLS KLK
FLA KLKD
KLQ
Class CD Blocks
CCMR
Space-saving 600 volt, 30 amp molded-case fuse blocks
with side barriers for isolation. Class CC blocks and Midget
blocks are identical except Class CC blocks incorporate a
rejection feature to assure proper fusing.
SAFETY
s
Rejection feature — Class CC fuse blocks have a
rejection feature which prevents the insertion of fuses
with lower interrupting rating or voltage ratings. Class CC
fuses are rated 600 volts and have an interrupting rating of
200,000 amperes. Midget fuse voltage ratings vary
and their interrupting rating may be as low as 10,000
amperes. Note that Class CC fuses may be used in
Midget fuse blocks, but Midget fuses cannot be used
in Class CC blocks.
LONG LIFE
s
High-strength materials — Class CC and Midget fuse
blocks are molded of high-strength, high-temperature
material to minimize block breakage during handling and
installation, as well as damage due to heat.
s
Reduced resistance, less heat — High conductivity,
one-piece copper alloy fuse clips have lower resistance
than traditional two-piece brass or phosphor bronze fuse
clips . . . minimizes heat rise and watts loss within the
fuse block.
REDUCED INVENTORY
s
Gangable — Interlocking fuse blocks allow ganging to
produce a fuse block with any number of poles.
s
Flexible terminal arrangements — 30A Class CC and
Midget fuse blocks are available with type C box lug,
type SQ screw, or type PQ pressure plate terminals.
Type SQ terminals have binding-head screws, while
type PQ terminals have captive pressure plates.
Both terminal types can accommodate side- or top-
mounted quick-connect terminals. This flexibility allows
the accommodation of most needs and reduces part
inventory requirements.
60A CC fuse blocks are available with type C box lug
terminals.
s
DIN rail mountable — FBDIN1 adapters permit snap-
mounting Littelfuse Class CC and Midget 30 amp fuse
blocks directly to standard or low profile 35mm symmetrical
“hat” and 32mm asymmetrical DIN rails. Patented DIN rail
adapters snap securely to Littelfuse fuse blocks and to DIN
rails without tools. They can be readily removed from rails
by lifting the disconnect tab.
L60060C 60A fuse blocks have patented integral DIN rail
adapters which allow direct mounting to 35mm “hat” type
DIN rails.
Contents
Index
Previous
Next


유사한 부품 번호 - L60030C-3SQ

제조업체부품명데이터시트상세설명
logo
Littelfuse
L60030C-3SQ LITTELFUSE-L60030C-3SQ Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
L60030C-3SQ LITTELFUSE-L60030C-3SQ Datasheet
166Kb / 2P
   Blocks and Holders
L60030C-3SQ LITTELFUSE-L60030C-3SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
More results

유사한 설명 - L60030C-3SQ

제조업체부품명데이터시트상세설명
logo
Littelfuse
L60030M2SQ LITTELFUSE-L60030M2SQ Datasheet
167Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
0SPL0001T LITTELFUSE-0SPL0001T Datasheet
551Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
FBDIN1 LITTELFUSE-FBDIN1 Datasheet
550Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
KLKR LITTELFUSE-KLKR Datasheet
444Kb / 4P
   CLASS CC/CD DIMENSIONS AND CURRENT-LIMITING EFFECTS
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
CCMR LITTELFUSE-CCMR_13 Datasheet
722Kb / 6P
   Class CC/CD CCMR Series FUSES
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com