전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3100D2 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3100D2
상세설명  20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3100D2 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TPA3100D2 Datasheet HTML 6Page - Texas Instruments TPA3100D2 Datasheet HTML 7Page - Texas Instruments TPA3100D2 Datasheet HTML 8Page - Texas Instruments TPA3100D2 Datasheet HTML 9Page - Texas Instruments TPA3100D2 Datasheet HTML 10Page - Texas Instruments TPA3100D2 Datasheet HTML 11Page - Texas Instruments TPA3100D2 Datasheet HTML 12Page - Texas Instruments TPA3100D2 Datasheet HTML 13Page - Texas Instruments TPA3100D2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
f − Frequency − Hz
0
5
10
15
20
25
30
35
40
Phase
Gain
10
100
1k
100k
10k
200
150
100
50
0
−50
−100
−150
−200
V
= 12 V
R = 8
CC
L
W
Gain = 32 dB
V = 0.1 V
RC Filter = 100
, 0.47 nF
I
rms
W
f − Frequency − Hz
0
5
10
15
20
25
30
35
40
Phase
Gain
10
100
1k
100k
10k
200
150
100
50
0
−50
−100
−150
−200
V
= 24 V
R = 8
CC
L
W
Gain = 32 dB
V = 0.1 V
RC Filter = 100
, 0.47 nF
I
rms
W
V
- Supply Voltage - V
CC
0
5
10
15
20
25
40
30
45
35
50
10
12
14
16
18
20
22
24
26
28
R = 8
Gain = 20 dB
L
W
THD+N = 10%
THD+N = 1%
Power Represented by
Dash Lines May Require
More Heatsinking.
VCC − Supply Voltage − V
0
5
10
15
20
25
30
35
10
11
12
13
14
15
16
THD+N = 10%
THD+N = 1%
R = 4
Gain = 20 dB
L
W
Power Represented by
Dash Lines May Require
More Heatsinking.
TPA3100D2
SLOS469B – OCTOBER 2005 – REVISED OCTOBER 2005
CLOSED LOOP RESPONSE
CLOSED LOOP RESPONSE
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 11.
Figure 12.
10


유사한 부품 번호 - TPA3100D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3100D2 TI-TPA3100D2 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

유사한 설명 - TPA3100D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI-TPA3100D2_07 Datasheet
3Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2100 EUTECH-EUA2100 Datasheet
172Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com