전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QK012LH5 데이터시트(PDF) 5 Page - Littelfuse

부품명 QK012LH5
부품 상세설명  Alternistor Triacs (6 A to 40 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QK012LH5 데이터시트(HTML) 5 Page - Littelfuse

  QK012LH5 Datasheet HTML 1Page - Littelfuse QK012LH5 Datasheet HTML 2Page - Littelfuse QK012LH5 Datasheet HTML 3Page - Littelfuse QK012LH5 Datasheet HTML 4Page - Littelfuse QK012LH5 Datasheet HTML 5Page - Littelfuse QK012LH5 Datasheet HTML 6Page - Littelfuse QK012LH5 Datasheet HTML 7Page - Littelfuse QK012LH5 Datasheet HTML 8Page - Littelfuse QK012LH5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheets
Alternistor Triacs
©2004 Littelfuse, Inc.
E4 - 5
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
General Notes
All measurements are made at 60 Hz with a resistive load at an
ambient temperature of +25 °C unless specified otherwise.
Operating temperature range (TJ) is -40 °C to +125 °C.
Storage temperature range (TS) is -40 °C to +125 °C.
Lead solder temperature is a maximum of 230 °C for 10 seconds
maximum
≥1/16" (1.59 mm) from case.
The case temperature (TC) is measured as shown in the dimen-
sional outline drawings. See “Package Dimensions” section.
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1 terminal
(2) For either polarity of gate voltage (VGT) with reference to MT1
terminal
(3) See Gate Characteristics and Definition of Quadrants.
(4) See Figure E4.1 through Figure E4.4 for current rating at specific
operating temperature and Figure 4.16 for free air rating (no heat
sink).
(5) See Figure E4.5 and Figure E4.6 for iT and vT.
(6) See Figure E4.7 for VGT versus TC.
(7) See Figure E4.8 for IGT versus TC.
(8) See Figure E4.9 for IH versus TC.
(9) See Figure E4.10 and Figure E4.11 for surge rating with specific
durations.
IDRM
VGT
VTM
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (18)
mAmps
(2) (6)
(15) (17)
(20)
Volts
(1) (5)
Volts
(1) (8)
(12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10)
µSec
Amps2Sec
(19)
Amps/µSec
TC =
25 °C
TC =
100 °C
TC =
125 °C
TC =
25 °C
TC =
25 °C
60/50 Hz
TC =
100 °C
TC =
125 °C
MAX
MAX
MAX
MAX
MIN
MIN
TYP
0.05
0.5
2
1.5
1.6
35
2
20
0.5
200/167
20
500
400
3
166
100
0.05
0.5
2
1.5
1.6
35
2
20
0.5
200/167
20
400
350
3
166
100
0.05
0.5
2
1.5
1.6
35
2
20
0.5
200/167
20
300
250
3
166
100
0.1
1
3
1.5
1.6
35
2
20
0.5
200/167
20
275
200
3
166
100
0.1
3
1.5
1.6
35
2
20
0.5
200/167
20
200
3
166
100
0.05
0.5
2
2
1.6
50
2
20
0.5
200/167
25
650
500
3
166
100
0.05
0.5
2
2
1.6
50
2
20
0.5
200/167
25
600
475
3
166
100
0.05
0.5
2
2
1.6
50
2
20
0.5
200/167
25
500
400
3
166
100
0.1
1
3
2
1.6
50
2
20
0.5
200/167
25
425
350
3
166
100
0.1
3
2
1.6
50
2
20
0.5
200/167
25
300
3
166
100
0.05
0.5
2
2.5
1.6
70
2
20
0.5
200/167
30
1090
925
5
166
100
0.05
0.5
2
2.5
1.6
70
2
20
0.5
200/167
30
1090
925
5
166
100
0.05
0.5
2
2.5
1.6
70
2
20
0.5
200/167
30
1000
850
5
166
100
0.1
1
3
2.5
1.6
70
2
20
0.5
200/167
30
700
475
5
166
100
0.1
3
2.5
1.6
70
2
20
0.5
200/167
30
350
5
166
100
0.05
0.5
2
2.5
1.8
100
2
20
0.5
250/208
30
875
600
5
259
100
0.05
0.5
2
2.5
1.8
100
2
20
0.5
250/208
30
875
600
5
259
100
0.05
0.5
2
2.5
1.8
100
2
20
0.5
250/208
30
800
520
5
259
100
0.1
1
3
2.5
1.8
100
2
20
0.5
250/208
30
700
475
5
259
100
0.1
3
2.5
1.8
100
2
20
0.5
250/208
30
400
5
259
100
0.05
0.5
2
2
1.4
75
2
20
0.5
350/290
20
650
500
3
508
100
0.05
0.5
2
2
1.4
75
2
20
0.5
350/290
20
600
475
3
508
100
0.05
0.5
2
2
1.4
75
2
20
0.5
350/290
20
500
400
3
508
100
0.05
0.5
2
2
1.5
75
2
20
0.5
350/290
20
650
500
3
508
100
0.05
0.5
2
2
1.5
75
2
20
0.5
350/290
20
600
475
3
508
100
0.05
0.5
2
2
1.5
75
2
20
0.5
350/290
20
500
400
3
508
100
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
1100
700
5
664
150
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
1100
700
5
664
150
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
1000
625
5
664
150
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
900
575
5
664
150
0.2
5
2.5
1.8
120
4
40
0.8
400/335
50
500
5
664
150


유사한 부품 번호 - QK012LH5

제조업체부품명데이터시트부품 상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
QK012LH5 ETC2-QK012LH5 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

유사한 설명 - QK012LH5

제조업체부품명데이터시트부품 상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
Q8025NH6RP ETC2-Q8025NH6RP Datasheet
188Kb / 10P
   Alternistor Triacs
Teccor Electronics
Teccor Electronics
Q2006RH4 TECCOR-Q2006RH4 Datasheet
536Kb / 7P
   Alternistor Triacs?
STMicroelectronics
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
   40 A standard TRIACs
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
   40 A standard TRIACs
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
   40 A standard TRIACs
List of Unclassifed Manufacturers
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
STMicroelectronics
STMicroelectronics
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
   40 A standard TRIACs
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
STMicroelectronics
STMicroelectronics
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
   40 A high voltage Triacs
June 2015 Rev 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz