전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

V18ZA05 데이터시트(PDF) 9 Page - Harris Corporation

부품명 V18ZA05
상세설명  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HARRIS [Harris Corporation]
홈페이지  http://www.harris.com
Logo HARRIS - Harris Corporation

V18ZA05 데이터시트(HTML) 9 Page - Harris Corporation

Back Button V18ZA05 Datasheet HTML 4Page - Harris Corporation V18ZA05 Datasheet HTML 5Page - Harris Corporation V18ZA05 Datasheet HTML 6Page - Harris Corporation V18ZA05 Datasheet HTML 7Page - Harris Corporation V18ZA05 Datasheet HTML 8Page - Harris Corporation V18ZA05 Datasheet HTML 9Page - Harris Corporation V18ZA05 Datasheet HTML 10Page - Harris Corporation V18ZA05 Datasheet HTML 11Page - Harris Corporation V18ZA05 Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4-42
FIGURE 22. SURGE CURRENT RATING CURVES FOR
V82ZA4 - V180ZA5
FIGURE 23. SURGE CURRENT RATING CURVES FOR
V18ZA3 - V68ZA10
FIGURE 24. SURGE CURRENT RATING CURVES FOR
V82ZA12 - V180ZA10
FIGURE 25. SURGE CURRENT RATING CURRENT FOR
V18ZA40 - V68ZA20
FIGURE 26. SURGE CURRENT RATING CURVES FOR V120ZA20 - V180ZA20
NOTE: If pulse ratings are exceeded, a shift of VN(DC) (at specified current) of more than ±10% could result.This type of shift, which normally results
in a decrease of VN(DC), may result in the device not meeting the original published specifications, but it does not prevent the device from continuing
to function, and to provide ample protection.
Pulse Rating Curves (Continued)
5,000
2,000
1,000
500
200
100
50
20
10
5
2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
10
102
2
103
INDEFINITE
104
105
106
MODEL SIZE 10mm
V82ZA4 - V180ZA5
200
100
50
20
10
5
1
2
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
102
104
105
106
103
INDEFINITE
1,000
500
MODEL SIZE 14mm
V18ZA3 - V68ZA10
5,000
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
104
105
106
103
INDEFINITE
1,000
102
MODEL SIZE 14mm
V82ZA12 - V180ZA10
2,000
200
100
50
20
10
5
2
500
20
100
1,000
10,000
IMPULSE DURATION (
µs)
1
2
10
1,000
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V18ZA40 - V68ZA20
10,000
1,000
100
20
IMPULSE DURATION (
µs)
5,000
10,000
2,000
500
100
20
10
2
1,000
200
50
1
5
1
2
10
102
103
104
105
106
INDEFINITE
MODEL SIZE 20mm
V120ZA20 - V180ZA20
ZA Series


유사한 부품 번호 - V18ZA05

제조업체부품명데이터시트상세설명
logo
Littelfuse
V18ZA05 LITTELFUSE-V18ZA05 Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18ZA05P LITTELFUSE-V18ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V18ZA05P LITTELFUSE-V18ZA05P Datasheet
825Kb / 13P
   Radial Lead Varistors
V18ZA05P LITTELFUSE-V18ZA05P Datasheet
1Mb / 14P
   ZA Varistor Series
V18ZA05P LITTELFUSE-V18ZA05P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
More results

유사한 설명 - V18ZA05

제조업체부품명데이터시트상세설명
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com