전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q2010N5 데이터시트(PDF) 4 Page - Littelfuse

부품명 Q2010N5
상세설명  Triacs (0.8 A to 35 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q2010N5 데이터시트(HTML) 4 Page - Littelfuse

  Q2010N5 Datasheet HTML 1Page - Littelfuse Q2010N5 Datasheet HTML 2Page - Littelfuse Q2010N5 Datasheet HTML 3Page - Littelfuse Q2010N5 Datasheet HTML 4Page - Littelfuse Q2010N5 Datasheet HTML 5Page - Littelfuse Q2010N5 Datasheet HTML 6Page - Littelfuse Q2010N5 Datasheet HTML 7Page - Littelfuse Q2010N5 Datasheet HTML 8Page - Littelfuse Q2010N5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Triacs
Data Sheets
http://www.littelfuse.com
E2 - 4
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Specific Test Conditions
di/dt — Maximum rate-of-change of on-state current; IGT = 200 mA with
≤0.1 µs rise time
dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM gate open
dv/dt(c) — Critical rate-of-rise of commutation voltage at rated VDRM
and IT(RMS) commutating di/dt = 0.54 rated IT(RMS)/ms; gate
unenergized
I2t — RMS surge (non-repetitive) on-state current for period of 8.3 ms
for fusing
IDRM — Peak off-state current, gate open; VDRM = maximum rated value
IGT — DC gate trigger current in specific operating quadrants;
VD = 12 V dc
IGTM — Peak gate trigger current
IH — Holding current (DC); gate open
IT(RMS) — RMS on-state current conduction angle of 360°
ITSM — Peak one-cycle surge
PG(AV) — Average gate power dissipation
PGM — Peak gate power dissipation; IGT ≤ IGTM
tgt — Gate controlled turn-on time; IGT = 200 mA with 0.1 µs rise time
VDRM — Repetitive peak blocking voltage
VGT — DC gate trigger voltage; VD = 12 V dc; RL = 60 Ω
VTM — Peak on-state voltage at maximum rated RMS current
General Notes
All measurements are made at 60 Hz with a resistive load at an
ambient temperature of +25
°C unless specified otherwise.
Operating temperature range (TJ) is -65 °C to +125 °C for TO-92,
-25 °C to +125 °C for Fastpak, and -40
°C to +125 °C for all other
devices.
Storage temperature range (TS) is -65 °C to +150 °C for TO-92,
-40
°C to +150 °C for TO-202, and -40 °C to +125 °C for all other
devices.
Lead solder temperature is a maximum of 230
°C for 10 seconds,
maximum;
≥1/16" (1.59 mm) from case.
The case temperature (TC) is measured as shown on the dimen-
sional outline drawings. See “Package Dimensions” section of this
catalog.
IT(RMS)
Part Number
VDRM
IGT
IDRM
Isolated
Non-isolated
(4) (16)
TO-3
Fastpak
TO-220
TO-202
TO-220
TO-263
D2Pak
(1)
Volts
(3) (7) (15)
mAmps
(1) (16)
mAmps
QI
QII
QIII
QIV
QIV
TC =
25 °C
TC =
100 °C
TC =
125 °C
MAX
See “Package Dimensions” section for variations. (11)
MIN
MAX
TYP
MAX
10 A
Q2010L4
Q2010R4
Q2010N4
200
25
25
25
50
0.05
1
Q4010L4
Q4010R4
Q4010N4
400
25
25
25
50
0.05
1
Q6010L4
Q6010R4
Q6010N4
600
25
25
25
50
0.05
1
Q8010L4
Q8010R4
Q8010N4
800
25
25
25
50
0.1
1
QK010L4
QK010R4
QK010N4
1000
25
25
25
50
0.1
3
Q2010L5
Q2010F51
Q2010R5
Q2010N5
200
50
50
50
75
0.05
0.5
2
Q4010L5
Q4010F51
Q4010R5
Q4010N5
400
50
50
50
75
0.05
0.5
2
Q6010L5
Q6010F51
Q6010R5
Q6010N5
600
50
50
50
75
0.05
0.5
2
Q8010L5
Q8010R5
Q8010N5
800
50
50
50
75
0.1
0.5
2
QK010L5
QK010R5
QK010N5
1000
50
50
50
75
0.1
3
15 A
Q2015L5
Q2015R5
Q2015N5
200
50
50
50
0.05
0.5
2
Q4015L5
Q4015R5
Q4015N5
400
50
50
50
0.05
0.5
2
Q6015L5
Q6015R5
Q6015N5
600
50
50
50
0.05
0.5
2
Q8015L5
Q8015R5
Q8015N5
800
50
50
50
0.1
1
3
QK015L5
QK015R5
QK015N5
1000
50
50
50
0.1
3
25 A
Q2025R5
Q2025N5
200
50
50
50
0.1
1
3
Q4025R5
Q4025N5
400
50
50
50
0.1
1
3
Q6025R5
Q6025N5
600
50
50
50
0.1
1
3
Q8025R5
Q8025N5
800
50
50
50
0.1
1
3
QK025R5
QK025N5
1000
50
50
50
0.1
3
Q6025P5
600
50
50
50
120
0.1
5
Q8025P5
800
50
50
50
120
0.1
5
35 A
Q6035P5
600
50
50
50
120
0.1
5
Q8035P5
800
50
50
50
120
0.1
5
MT1
MT2
Gate
MT1
MT2
G
MT1
G
MT2
MT2
MT1
G
MT2
MT2
MT2
MT2
MT1
G


유사한 부품 번호 - Q2010N5

제조업체부품명데이터시트상세설명
logo
Littelfuse
Q2010NH5 LITTELFUSE-Q2010NH5 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q2010NH5 ETC2-Q2010NH5 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

유사한 설명 - Q2010N5

제조업체부품명데이터시트상세설명
logo
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607_V01 Datasheet
147Kb / 8P
   Standard 0.8 A Triacs
Rev 9 June 2014
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
logo
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com