전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q4010N5 데이터시트(PDF) 3 Page - Littelfuse

부품명 Q4010N5
부품 상세설명  Triacs (0.8 A to 35 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q4010N5 데이터시트(HTML) 3 Page - Littelfuse

  Q4010N5 Datasheet HTML 1Page - Littelfuse Q4010N5 Datasheet HTML 2Page - Littelfuse Q4010N5 Datasheet HTML 3Page - Littelfuse Q4010N5 Datasheet HTML 4Page - Littelfuse Q4010N5 Datasheet HTML 5Page - Littelfuse Q4010N5 Datasheet HTML 6Page - Littelfuse Q4010N5 Datasheet HTML 7Page - Littelfuse Q4010N5 Datasheet HTML 8Page - Littelfuse Q4010N5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheets
Triacs
©2004 Littelfuse, Inc.
E2 - 3
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
See “General Notes” on page E2 - 4 and “Electrical Specification Notes” on page E2 - 5.
IDRM
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (16)
mAmps
(1) (5)
Volts
(2) (6)
(15) (18)
(19)
Volts
(1) (8)
(12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10)
µSec
Amp2Sec Amps/µSec
TC =
25 °C
TC =
100 °C
TC =
125 °C
TC =
25 °C
TC =
25 °C
60/50 Hz
TC=
100 °C
TC=
125 °C
MAX
MAX
MAX
MAX
TYP
MIN
TYP
0.02
0.5
1
1.6
2
15
1
10
0.2
10/8.3
1
40
30
2.5
0.41
20
0.02
0.5
1
1.6
2
15
1
10
0.2
10/8.3
1
35
25
2.5
0.41
20
0.02
0.5
1
1.6
2
15
1
10
0.2
10/8.3
1
25
15
2.5
0.41
20
0.02
0.5
1
1.6
2.5
25
1
10
0.2
10/8.3
1
50
40
3
0.41
20
0.02
0.5
1
1.6
2.5
25
1
10
0.2
10/8.3
1
45
35
3
0.41
20
0.02
0.5
1
1.6
2.5
25
1
10
0.2
10/8.3
1
35
25
3
0.41
20
0.02
0.5
1
1.6
2
15
1
10
0.2
20/16.7
1
40
30
2.5
1.6
30
0.02
0.5
1
1.6
2
15
1
10
0.2
20/16.7
1
40
30
2.5
1.6
30
0.02
0.5
1
1.6
2
15
1
10
0.2
20/16.7
1
30
20
2.5
1.6
30
0.02
0.5
1
1.6
2.5
25
1
10
0.2
20/16.7
1
50
40
3
1.6
30
0.02
0.5
1
1.6
2.5
25
1
10
0.2
20/16.7
1
50
40
3
1.6
30
0.02
0.5
1
1.6
2.5
25
1
10
0.2
20/16.7
1
40
30
3
1.6
30
0.05
0.5
2
1.6
2
20
1.2
15
0.3
55/46
2
50
40
2.5
12.5
50
0.05
0.5
2
1.6
2
20
1.2
15
0.3
55/46
2
50
40
2.5
12.5
50
0.05
0.5
2
1.6
2
20
1.2
15
0.3
55/46
2
40
30
2.5
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
100
75
3
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
100
75
3
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
75
50
3
12.5
50
0.05
0.5
2
1.6
2.5
30
1.2
15
0.3
55/46
2
60
40
3
12.5
50
0.05
3
1.6
2.5
30
1.2
15
0.3
55/46
2
50
3
12.5
50
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
200
120
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
200
120
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
150
100
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.6
18
0.5
80/65
4
125
85
3
26.5
70
0.05
3
1.6
2.5
50
1.6
18
0.5
80/65
4
100
3
26.5
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
250
150
3
41
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
250
150
3
41
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
220
125
3
41
70
0.05
0.5
2
1.6
2.5
50
1.8
20
0.5
100/83
4
150
100
3
41
70
0.05
3
1.6
2.5
50
1.8
20
0.5
100/83
4
100
3
41
70


유사한 부품 번호 - Q4010N5

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
More results

유사한 설명 - Q4010N5

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
STMicroelectronics
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
NXP Semiconductors
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
Littelfuse
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Teccor Electronics
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
STMicroelectronics
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
Littelfuse
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com