전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q4010N5 데이터시트(PDF) 5 Page - Littelfuse

부품명 Q4010N5
부품 상세설명  Triacs (0.8 A to 35 A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q4010N5 데이터시트(HTML) 5 Page - Littelfuse

  Q4010N5 Datasheet HTML 1Page - Littelfuse Q4010N5 Datasheet HTML 2Page - Littelfuse Q4010N5 Datasheet HTML 3Page - Littelfuse Q4010N5 Datasheet HTML 4Page - Littelfuse Q4010N5 Datasheet HTML 5Page - Littelfuse Q4010N5 Datasheet HTML 6Page - Littelfuse Q4010N5 Datasheet HTML 7Page - Littelfuse Q4010N5 Datasheet HTML 8Page - Littelfuse Q4010N5 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheets
Triacs
©2004 Littelfuse, Inc.
E2 - 5
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1 terminal
(2) For either polarity of gate voltage (VGT) with reference to MT1
terminal
(3) See Gate Characteristics and Definition of Quadrants.
(4) See Figure E2.1 through Figure E2.7 for current rating at specific
operating temperature.
(5) See Figure E2.8 through Figure E2.10 for iT versus vT.
(6) See Figure E2.12 for VGT versus TC.
(7) See Figure E2.11 for IGT versus TC.
(8) See Figure E2.14 for IH versus TC.
(9) See Figure E2.13 for surge rating with specific durations.
(10) See Figure E2.15 for tgt versus IGT.
(11) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(12) Initial on-state current = 200 mA dc for 0.8 A to10 A devices,
400 mA dc for 15 A to 35 A devices
(13) See Figure E2.1 through Figure E2.6 for maximum allowable case
temperature at maximum rated current.
(14) Pulse width
≤10 µs; IGT ≤ IGTM
(15) RL = 60 Ω for 0.8 A to10 A triacs; RL = 30 Ω for 15 A to 35 A triacs
(16) TC = TJ for test conditions in off state
(17) IGT = 300 mA for 25 A and 35 A devices
(18) Quadrants I, II, III only
(19) Minimum non-trigger VGT at 125 °C is 0.2 V for all except 50 mA
MAX QIV devices which are 0.2 V at 110 °C.
Gate Characteristics
Teccor triacs may be turned on between gate and MT1 terminals
in the following ways:
In-phase signals (with standard AC line) using Quadrants I
and III
Application of unipolar pulses (gate always positive or nega-
tive), using Quadrants II and III with negative gate pulses and
Quadrants I and IV with positive gate pulses
However, due to higher gate requirements for Quadrant IV, it
is recommended that only negative pulses be applied. If pos-
itive pulses are required, see “Sensitive Triacs” section of
this catalog or contact the factory. Also, see
Figure AN1002.8, “Amplified Gate” Thyristor Circuit.
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (5)
Volts
(2) (6) (15)
(18) (19)
Volts
(1) (8) (12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10) (17)
µSec
Amps2Sec Amps/µSec
TC = 25 °C
TC = 25 °C
60/50 Hz
TC =
100 °C
TC =
125 °C
MAX
MAX
MAX
TYP
MIN
TYP
1.6
2.5
35
1.8
20
0.5
120/100
2
150
3
60
70
1.6
2.5
35
1.8
20
0.5
120/100
2
150
3
60
70
1.6
2.5
35
1.8
20
0.5
120/100
2
100
3
60
70
1.6
2.5
35
1.8
20
0.5
120/100
2
75
3
60
70
1.6
2.5
35
1.8
20
0.5
120/100
2
50
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
350
225
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
350
225
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
300
200
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
250
175
3
60
70
1.6
2.5
50
1.8
20
0.5
120/100
4
150
3
60
70
1.6
2.5
70
2
20
0.5
200/167
4
400
275
4
166
100
1.6
2.5
70
2
20
0.5
200/167
4
400
275
4
166
100
1.6
2.5
70
2
20
0.5
200/167
4
350
225
4
166
100
1.6
2.5
70
2
20
0.5
200/167
4
300
200
4
166
100
1.6
2.5
70
2
20
0.5
200/167
4
200
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
400
275
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
400
275
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
350
225
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
300
200
4
166
100
1.8
2.5
100
2
20
0.5
200/167
5
200
4
166
100
1.4
2.75
50
2
20
0.5
250/220
5
550
475
3
260
100
1.4
2.75
50
2
20
0.5
250/220
5
450
400
3
260
100
1.5
2.75
50
2
20
0.5
350/300
5
550
475
3
508
100
1.5
2.75
50
2
20
0.5
350/300
5
450
400
3
508
100


유사한 부품 번호 - Q4010N5

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
More results

유사한 설명 - Q4010N5

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
STMicroelectronics
STMicroelectronics
Z00607 STMICROELECTRONICS-Z00607 Datasheet
87Kb / 7P
   Standard 0.8 A Triacs
NXP Semiconductors
NXP Semiconductors
BTA2008 NXP-BTA2008 Datasheet
79Kb / 12P
   0.8 A Three-quadrant triacs high commutation
Rev. 01-18 January 2008
Littelfuse
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
Teccor Electronics
Teccor Electronics
Q4008LT TECCOR-Q4008LT Datasheet
124Kb / 6P
   Internally Triggered Triacs (4 A to 15 A)
STMicroelectronics
STMicroelectronics
Z01 STMICROELECTRONICS-Z01_06 Datasheet
96Kb / 9P
   1 A Triacs
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
Littelfuse
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com