전자부품 데이터시트 검색엔진 |
|
CA5130 데이터시트(PDF) 3 Page - Intersil Corporation |
|
CA5130 데이터시트(HTML) 3 Page - Intersil Corporation |
3 / 19 page 3 Electrical Specifications TA = -55 oC to 125oC, V+ = 5V, V- = 0V, Unless Otherwise Specified PARAMETER SYMBOL TEST CONDITIONS CA5130 CA5130A UNITS MIN TYP MAX MIN TYP MAX Input Offset Voltage VIO VO = 2.5V - 3 15 - 2 10 mV Input Offset Current IIO VO = 2.5V - 0.1 10 - 0.1 5 nA Input Current II VO = 2.5V - 2 15 - 2 10 nA Common Mode Rejection Ratio CMRR VCM = 0V to 1V 60 80 - 60 80 - dB VCM = 0V to 2.5V 50 80 - 55 80 - dB Input Common Mode Voltage Range VICR+ 2.5 2.8 - 2.5 2.8 - V VICR- - -0.5 0 - -0.5 0 V Power Supply Rejection Ratio PSRR ∆+ = 1V; ∆- = 1V 40 66 - 45 70 - dB Large Signal Voltage Gain (Note 4) AOL VO = 0.1V to 4.1V RL = ∞ 90 98 - 94 98 - dB VO = 0.1V to 3.6V RL = 10kΩ 75 85 - 80 88 - dB Source Current ISOURCE VO = 0V 0.6 - 5.0 0.6 2.2 5.0 mA Sink Current ISINK VO = 5V 0.6 - 5.0 0.6 1.15 5.0 mA Output Voltage VOUT VOM+RL = ∞ 4.99 5 - 4.99 5 - V VOM- - 0 0.01 - 0 0.01 V VOM+RL = 10kΩ 4.0 4.6 - 4.0 4.6 - V VOM- - 0 0.01 - 0 0.01 V VOM+RL = 2kΩ 2.0 3.0 - 2.0 3.0 - V VOM- - 0 0.01 - 0 0.01 V Supply Current ISUPPLY VO = 0V - 80 220 - 80 220 µA VO = 2.5V - 300 500 - 300 500 µA NOTE: 4. For V+ = 4.5V and V- = GND; VOUT = 0.5V to 3.2V at RL = 10kΩ. Electrical Specifications TA = 25 oC, V+ = 15V, V- = 0V, Unless Otherwise Specified PARAMETER SYMBOL TEST CONDITIONS CA5130 CA5130A UNITS MIN TYP MAX MIN TYP MAX Input Offset Voltage VIO V ± = ±7.5V - 8 15 - 2 5 mV Input Offset Current IIO V ± = ±7.5V - 0.5 30 - 0.5 20 pA Input Current II V ± = ±7.5V - 5 50 - 5 30 pA Common Mode Rejection Ratio CMRR 70 90 - 80 90 - dB Input Common Mode Voltage Range VICR 10 -0.5 to 12 0 10 -0.5 to 12 0V Power Supply Rejection Ratio PSRR ∆VIO/∆V± V ± = ±7.5V - 32 320 - 32 150 µV/V Large Signal Voltage Gain AOL VO = 10VP-P RL = 2kΩ 50 320 - 50 320 - kV/V 94 110 - 94 110 - dB CA5130, CA5130A |
유사한 부품 번호 - CA5130 |
|
유사한 설명 - CA5130 |