전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA5130A 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 CA5130A
상세설명  15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA5130A 데이터시트(HTML) 4 Page - Intersil Corporation

  CA5130A Datasheet HTML 1Page - Intersil Corporation CA5130A Datasheet HTML 2Page - Intersil Corporation CA5130A Datasheet HTML 3Page - Intersil Corporation CA5130A Datasheet HTML 4Page - Intersil Corporation CA5130A Datasheet HTML 5Page - Intersil Corporation CA5130A Datasheet HTML 6Page - Intersil Corporation CA5130A Datasheet HTML 7Page - Intersil Corporation CA5130A Datasheet HTML 8Page - Intersil Corporation CA5130A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Maximum Output Current
Source
IOM+VO = 0V
12
22
45
12
22
45
mA
Sink
IOM-VO = 15V
12
20
45
12
20
45
mA
Supply Current
ISUPPLY
VO = 7.5V, RL =
-
10
15
-
10
15
mA
VO = 0V, RL =
-2
3-2
3
mA
Maximum Output Voltage
VOUT
VOM+RL =
14.99
15
-
14.99
15
-
V
VOM-
-
0
0.01
-
0
0.01
V
VOM+RL = 2kΩ
12
13.3
-
12
13.3
-
V
VOM-
-
0.002
0.01
-
0.002
0.01
V
Input Offset Voltage
Temperature Drift
∆VIO/∆T
-
10
-
-
10
-
µV/oC
Electrical Specifications
TA = 25
oC, V+ = 15V, V- = 0V, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
CA5130
CA5130A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Electrical Specifications
Typical Values Intended Only for Design Guidance, At TA = 25
oC, V
SUPPLY = ±7.5V
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
CA5130
CA5130A
UNITS
TYP
TYP
Input Offset Voltage Adjustment Range
10k
Ω Across Terminals 4 and 5 or 4 and 1
±22
±22
mV
Input Resistance
RI
1.5
1.5
T
Input Capacitance
CI
f = 1MHz
4.3
4.3
pF
Equivalent Input Noise Voltage
eN
BW = 0.2MHz, RS = 1MΩ (Note 5)
23
23
µV
Open Loop Crossover Frequency
For Unity Gain Stability
47pF Required
fT
CC = 0
15
15
MHz
CC = 47pF
4
4
MHz
Slew Rate
SR
Open Loop
CC = 0
30
30
V/
µs
Closed Loop
CC = 56pF
10
10
V/
µs
Transient Response
CC = 56pF, CL = 25pF, RL = 2kΩ
(Voltage Follower)
Rise Time
tr
0.09
0.09
µs
Overshoot
OS
10
10
%
Settling Time (To <0.1%, VIN = 4VP-P)tS
CC = 56pF, CL = 25pF, RL = 2kΩ
(Voltage Follower)
1.2
1.2
µs
NOTE:
5. Although a 1M
Ω source is used for this test, the equivalent input noise remains constant for values of RS up to 10MΩ.
CA5130, CA5130A


유사한 부품 번호 - CA5130A

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
CA513 MACOM-CA513 Datasheet
372Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
CA513 MA-COM-CA513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
More results

유사한 설명 - CA5130A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA5260 INTERSIL-CA5260 Datasheet
471Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA5260 RENESAS-CA5260 Datasheet
615Kb / 7P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA5260 INTERSIL-CA5260_05 Datasheet
218Kb / 6P
   3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com