전자부품 데이터시트 검색엔진 |
|
HC-5509A1 데이터시트(PDF) 2 Page - Intersil Corporation |
|
HC-5509A1 데이터시트(HTML) 2 Page - Intersil Corporation |
2 / 10 page 8-132 Specifications HC-5509A1 Absolute Maximum Ratings (Note 1) Operating Conditions Relay Drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +15V Maximum Supply Voltages (VB+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7V (VB+)-(VB-). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +75V Junction Temperature Ceramic . . . . . . . . . . . . . . . . . . . . . . +175oC Junction Temperature Plastic . . . . . . . . . . . . . . . . . . . . . . . . +150oC Lead Temperature (Soldering 10 Sec.) . . . . . . . . . . . . . . . . +300 oC Operating Temperature Range HC-5509A1-5. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +75oC HC-5509A1-9. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC Storage Temperature Range . . . . . . . . . . . . . . . . . -65 oC to +150oC Relay Drivers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V to +12V Positive Power Supply (VB+) . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5% Negative Power Supply (VB-) . . . . . . . . . . . . . . . . . . . . -42V to -58V Loop Resistance (RL) . . . . . . . . . . . . . . . . . 200Ω to 1750Ω (Note 2) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Electrical Specifications Unless Otherwise Specified, Typical Parameters are at TA = +25 oC, Min-Max Parameters are over Operating Temperature Range, VB- = -48V, VB+ = +5V, AG = DG = BG = 0V. All A.C. Parameters are specified at 600 Ω 2-Wire terminating impedance. PARAMETER TEST CONDITIONS MIN TYP MAX UNITS A.C. TRANSMISSION PARAMETERS RX Input Impedance 300Hz to 3.4kHz (Note 3) - 100 - k Ω TX Output Impedance 300Hz to 3.4kHz (Note 3) - - 20 Ω 4W Input Overload Level 300Hz to 3.4kHz RL = 1200Ω, 600 Ω Reference +1.5 - - VPEAK 2W Return Loss Matched for 600 Ω (Note 3) SRL LO 26 35 - dB ERL 30 40 - dB SRL HI 30 40 - dB 2W Longitudinal to Metallic Balance Off Hook Per ANSI/IEEE STD 455-1976 (Note 3) 300Hz to 3400Hz 58 63 - dB 4W Longitudinal Balance Off Hook 300Hz to 3400Hz (Note 3) 50 55 - dB Low Frequency Longitudinal Balance R.E.A. Test Circuit - - -67 dBmp ILINE = 40mA TA = +25 oC (Note 3) - - 23 dBrnC Longitudinal Current Capability ILINE = 40mA TA = +25 oC (Note 3) - - 30 mArms Insertion Loss 0dBm at 1kHz, Referenced 600 Ω 2W/4W - ±0.05 ±0.2 dB 4W/2W - ±0.05 ±0.2 dB 4W/4W -- ±0.12 dB Frequency Response 300Hz to 3400Hz (Note 3) Referenced to Absolute Level at 1kHz, 0dBm Referenced 600 Ω - ±0.02 ±0.05 dB Level Linearity Referenced to -10dBm (Note 3) 2W to 4W and 4W to 2W +3 to -40dBm - - ±0.05 dB -40 to -50dBm - - ±0.1 dB -50 to -55dBm - - ±0.3 dB Absolute Delay (Note 3) |
유사한 부품 번호 - HC-5509A1 |
|
유사한 설명 - HC-5509A1 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |