전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT5519 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 AT5519
상세설명  Preliminary Product Information Dual Full-Bridge Stepper Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

AT5519 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  AT5519 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT5519 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AT5519
Preliminary Product Information
Dual Full-Bridge Stepper Motor Driver
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
4
Electrical Characteristics
(VCC=4.75~5.25V, VBB=28V,VREF=5.0V, TA=+25
0C, TJ≤+1500C)
Values
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Output Drivers (OUT
A or OUTB)
Motor Supply Voltage
VBB
10
-
28
V
V
OUT=VBB
-
-
50
μ
A
Output Leakage Current
I
CEX
V
OUT=0V
-
-
-50
μ
A
Output Sustaining Voltage V
CE(SUS) IOUT=±750mA,L=3.0mH
28
-
-
V
Sink Driver, I
OUT=±500mA
-0.4
0.6
V
Sink Driver, I
OUT=±750mA
-1.0
1.2
V
Source Driver, I
OUT=-500mA
-
1.1
1.4
V
Output Saturation Voltage V
CE(SAT)
Source Driver, I
OUT=-750mA
-
1.3
1.6
V
Clamp Diode Leakage
Current
I
R
V
R=28V
-
-
50
μ
A
Clamp Diode Forward
Voltage
V
F
I
F=750mA
-
1.6
2.0
V
I
BB(ON)
Both Bridges ON, no load
-
20
25
mA
Driver Supply Current
I
BB(OFF) Both Bridges OFF
-
5.0
10
mA
Control Logic
V
IN(1)
All Input
2.4
-
-
V
Input Voltage
V
IN(O)
All Input
-
-
0.8
V
V
IN=2.4V
-
-
20
μ
A
Input Current
I
IN(1)
V
IN=0.8V
-
-3.0
-200
μ
A
Reference Voltage Range
VREF Operating
1.5
-
7.5
V
I
0=I1=0.8V
9.5
10
10.5
I
0=2.4V, I1=0.8V
13.5
15
16.5
Current Limit
Threshold(at trip point)
V
REF/
V
COMPIN
I
0=0.8V, I1=2.4V
25.5
30
34.5
Thermal Shutdown
Temperature
T
J
-170
-
°C
Total Logic Supply
Current
I
CC(ON)
I
0=I1=0.8V, No Load
-
40
50
mA


유사한 부품 번호 - AT5519

제조업체부품명데이터시트상세설명
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
AT5510G-PBF AIMTRON-AT5510G-PBF Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
AT5510N-GRE AIMTRON-AT5510N-GRE Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
AT5517 GMT-AT5517 Datasheet
87Kb / 1P
   Integrated Power Solution for TFT-LCD
More results

유사한 설명 - AT5519

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
MTD2006GE SHINDENGEN-MTD2006GE Datasheet
107Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2018GE SHINDENGEN-MTD2018GE Datasheet
120Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2006G SHINDENGEN-MTD2006G Datasheet
107Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2003BE SHINDENGEN-MTD2003BE Datasheet
57Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2003G SHINDENGEN-MTD2003G Datasheet
103Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2017FE SHINDENGEN-MTD2017FE Datasheet
91Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2017GE SHINDENGEN-MTD2017GE Datasheet
120Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2003GE SHINDENGEN-MTD2003GE Datasheet
103Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2003SE SHINDENGEN-MTD2003SE Datasheet
215Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
MTD2018FE SHINDENGEN-MTD2018FE Datasheet
91Kb / 5P
   Dual Full-bridge PWM Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com