전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SDM4953A 데이터시트(PDF) 6 Page - VBsemi Electronics Co.,Ltd

부품명 SDM4953A
상세설명  Dual P-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VBSEMI [VBsemi Electronics Co.,Ltd]
홈페이지  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SDM4953A 데이터시트(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  SDM4953A Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SDM4953A Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SDM4953A Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SDM4953A Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SDM4953A Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SDM4953A Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SDM4953A Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SDM4953A Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SDM4953A Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
0
0
0
1
10
1
10-1
10-4
100
0.2
0.1
0.05
0.02
Square WavePulse Duration (s)
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85 °C/W
3. TJM - TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
1
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square WavePulse Duration (s)
1
0.1
0.01
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
SDM4953A
6


유사한 부품 번호 - SDM4953A

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
logo
VBsemi Electronics Co.,...
SDM4953 VBSEMI-SDM4953 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SDM4953A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com