전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMCS1100 데이터시트(PDF) 33 Page - Texas Instruments

부품명 TMCS1100
상세설명  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 데이터시트(HTML) 33 Page - Texas Instruments

Back Button TMCS1100_V01 Datasheet HTML 29Page - Texas Instruments TMCS1100_V01 Datasheet HTML 30Page - Texas Instruments TMCS1100_V01 Datasheet HTML 31Page - Texas Instruments TMCS1100_V01 Datasheet HTML 32Page - Texas Instruments TMCS1100_V01 Datasheet HTML 33Page - Texas Instruments TMCS1100_V01 Datasheet HTML 34Page - Texas Instruments TMCS1100_V01 Datasheet HTML 35Page - Texas Instruments TMCS1100_V01 Datasheet HTML 36Page - Texas Instruments TMCS1100_V01 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
REF
S
REF
V
IN
V
RVRR * (V
)
2
S
e
(%)
I
S
PSRR
IN
PSRR * (V
5)
S
e
(%)
I
CM
CMRR
IN
CMRR * V
e
(%)
I
q
'
P
§
· u '
¨
¸
q
©
¹
OS
OS,25 C
OS,drift
I
, T
IN
A
I
I
T
C
e
%
I
OS
REF
EXT
2
2
2
2
2
RSS
I
PSRR
CMRR
V
B
S
NL
e
(%)
e
e
e
e
e
e
e
EXT
EXT
B
IN
B
G
e
(%)
I
REF
S
REF
V
IN
V
RVRR * (V
)
2
S
e
(%)
I
33
TMCS1100
www.ti.com
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Application Information (continued)
Table 1. Total Error Calculation: Room Temperature Example (continued)
ERROR
COMPONENT
SYMBOL
EQUATION
% MAX TOTAL
ERROR AT IIN =
25 A
% MAX TOTAL
ERROR AT IIN =
12.5 A
VREF error
eVREF
0.04%
0.08%
External Field error
eBext
0.11%
0.22%
Sensitivity error
eS
Specified in Electrical Characteristics
0.7%
0.7%
Nonlinearity error
eNL
Specified in Electrical Characteristics
0.05%
0.05%
RSS total error
eRSS
0.88%
1.28%
10.1.1.2 Full Temperature Range Error Calculations
To calculate total error across any specific temperature range, Equation 26 and Equation 27 should be used for
RSS maximum total errors, similar to the example for room temperatures. Conditions from the example in Room
Temperature Error Calculations have been replaced with their respective equations and error components for a
–40°C to 85°C temperature range below in Table 2.
Table 2. Total Error Calculation: –40°C to 85°C Example
ERROR
COMPONENT
SYMBOL
EQUATION
% MAX TOTAL
ERROR AT IIN =
25 A
% MAX TOTAL
ERROR AT IIN =
12.5 A
Input offset error
eIos,ΔT
0.28%
0.56%
CMRR error
eCMRR
0.01%
0.02%
PSRR error
ePSRR
0.27%
0.54%
VREF error
eVREF
0.04%
0.08%


유사한 부품 번호 - TMCS1100_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A1 TI1-TMCS1100A1 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A1QDRQ1 TI-TMCS1100A1QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A2 TI1-TMCS1100A2 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A2QDRQ1 TI-TMCS1100A2QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
More results

유사한 설명 - TMCS1100_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101 TI1-TMCS1101_V01 Datasheet
1Mb / 48P
[Old version datasheet]   TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107 TI-TMCS1107 Datasheet
2Mb / 41P
[Old version datasheet]   TMCS1107 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
TMCS1107-Q1 TI-TMCS1107-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TMCS1107-Q1 AEC-Q100, 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
JULY 2021
TMCS1108 TI-TMCS1108 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
[Old version datasheet]   TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1108-Q1 TI-TMCS1108-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108-Q1 AEC-Q100, 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
JULY 2021
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
[Old version datasheet]   TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com