전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMCS1100 데이터시트(PDF) 47 Page - Texas Instruments

부품명 TMCS1100
상세설명  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 데이터시트(HTML) 47 Page - Texas Instruments

Back Button TMCS1100_V01 Datasheet HTML 42Page - Texas Instruments TMCS1100_V01 Datasheet HTML 43Page - Texas Instruments TMCS1100_V01 Datasheet HTML 44Page - Texas Instruments TMCS1100_V01 Datasheet HTML 45Page - Texas Instruments TMCS1100_V01 Datasheet HTML 46Page - Texas Instruments TMCS1100_V01 Datasheet HTML 47Page - Texas Instruments TMCS1100_V01 Datasheet HTML 48Page - Texas Instruments TMCS1100_V01 Datasheet HTML 49Page - Texas Instruments TMCS1100_V01 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
www.ti.com
PACKAGE OUTLINE
C
.228-.244 TYP
[5.80-6.19]
.069 MAX
[1.75]
6X .050
[1.27]
8X .012-.020
[0.31-0.51]
2X
.150
[3.81]
.005-.010 TYP
[0.13-0.25]
0 - 8
.004-.010
[0.11-0.25]
.010
[0.25]
.016-.050
[0.41-1.27]
4X (0 -15 )
A
.189-.197
[4.81-5.00]
NOTE 3
B
.150-.157
[3.81-3.98]
NOTE 4
4X (0 -15 )
(.041)
[1.04]
SOIC - 1.75 mm max height
D0008A
SMALL OUTLINE INTEGRATED CIRCUIT
4214825/C 02/2019
NOTES:
1. Linear dimensions are in inches [millimeters]. Dimensions in parenthesis are for reference only. Controlling dimensions are in inches.
Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed .006 [0.15] per side.
4. This dimension does not include interlead flash.
5. Reference JEDEC registration MS-012, variation AA.
1
8
.010 [0.25]
C A B
5
4
PIN 1 ID AREA
SEATING PLANE
.004 [0.1] C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.800


유사한 부품 번호 - TMCS1100_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A1 TI1-TMCS1100A1 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A1QDRQ1 TI-TMCS1100A1QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A2 TI1-TMCS1100A2 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A2QDRQ1 TI-TMCS1100A2QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
More results

유사한 설명 - TMCS1100_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101 TI1-TMCS1101_V01 Datasheet
1Mb / 48P
[Old version datasheet]   TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107 TI-TMCS1107 Datasheet
2Mb / 41P
[Old version datasheet]   TMCS1107 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
TMCS1107-Q1 TI-TMCS1107-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TMCS1107-Q1 AEC-Q100, 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
JULY 2021
TMCS1108 TI-TMCS1108 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
[Old version datasheet]   TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1108-Q1 TI-TMCS1108-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108-Q1 AEC-Q100, 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
JULY 2021
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
[Old version datasheet]   TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com