전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMCS1100 데이터시트(PDF) 49 Page - Texas Instruments

부품명 TMCS1100
상세설명  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 데이터시트(HTML) 49 Page - Texas Instruments

Back Button TMCS1100_V01 Datasheet HTML 42Page - Texas Instruments TMCS1100_V01 Datasheet HTML 43Page - Texas Instruments TMCS1100_V01 Datasheet HTML 44Page - Texas Instruments TMCS1100_V01 Datasheet HTML 45Page - Texas Instruments TMCS1100_V01 Datasheet HTML 46Page - Texas Instruments TMCS1100_V01 Datasheet HTML 47Page - Texas Instruments TMCS1100_V01 Datasheet HTML 48Page - Texas Instruments TMCS1100_V01 Datasheet HTML 49Page - Texas Instruments TMCS1100_V01 Datasheet HTML 50Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
8X (.061 )
[1.55]
8X (.024)
[0.6]
6X (.050 )
[1.27]
(.213)
[5.4]
(R.002 ) TYP
[0.05]
SOIC - 1.75 mm max height
D0008A
SMALL OUTLINE INTEGRATED CIRCUIT
4214825/C 02/2019
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
BASED ON .005 INCH [0.125 MM] THICK STENCIL
SCALE:8X
SYMM
SYMM
1
4
5
8


유사한 부품 번호 - TMCS1100_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A1 TI1-TMCS1100A1 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A1QDRQ1 TI-TMCS1100A1QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A2 TI1-TMCS1100A2 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A2QDRQ1 TI-TMCS1100A2QDRQ1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
More results

유사한 설명 - TMCS1100_V01

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101 TI1-TMCS1101_V01 Datasheet
1Mb / 48P
[Old version datasheet]   TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107 TI-TMCS1107 Datasheet
2Mb / 41P
[Old version datasheet]   TMCS1107 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
TMCS1107-Q1 TI-TMCS1107-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   TMCS1107-Q1 AEC-Q100, 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
JULY 2021
TMCS1108 TI-TMCS1108 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
[Old version datasheet]   TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
TMCS1108-Q1 TI-TMCS1108-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   TMCS1108-Q1 AEC-Q100, 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
JULY 2021
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
[Old version datasheet]   TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
[Old version datasheet]   TMCS1100 High-Precision, Isolated Current Sensor With External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com