전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BJF36020 데이터시트(PDF) 2 Page - Schneider Electric

부품명 BJF36020
상세설명  Circuit breaker, PowerPact B, 20A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHNEIDER [Schneider Electric]
홈페이지  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BJF36020 데이터시트(HTML) 2 Page - Schneider Electric

  BJF36020 Datasheet HTML 1Page - Schneider Electric BJF36020 Datasheet HTML 2Page - Schneider Electric BJF36020 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Trip unit name
TM-D
Suitability for isolation
Yes IEC 60947-2
Utilisation category
Category A
Mechanical durability
15000 cycles IEC 947-1 Annex K ed 5.2
Electrical durability
10000 cycles IEC 947-1 Annex K ed 5.2 440 V In
Connection pitch
1.06 in (27 mm)
Local signalling
Presence of auxiliary contacts flag green)
Mounting mode
Clip-on 35 mm symmetrical DIN rail)
By screws plate)
Electrical connection
Terminal nut ON and OFF end
AWG gauge
AWG 14...AWG 8 aluminium/copper
AWG 6...AWG 3/0 aluminium/copper
Tightening torque
44.25 lbf.in (5 N.m) 0.00…0.02 in² (2.5…16 mm²) AWG 14...AWG 4)
79.66 lbf.in (9 N.m) 0.04…0.15 in² (25…95 mm²) AWG 3...AWG 3/0)
Number of slots
1 auxiliary switch OF plug-in)
1 voltage release MN or MX plug-in)
1 alarm switch SD plug-in)
Power wire stripping length
0.79 in (20 mm)
Color
Gray RAL 7016)
9 mm pitches
9
Maximum Height
5.39 in (137 mm)
Maximum Width
3.19 in (81 mm)
Maximum Depth
3.15 in (80 mm)
Net Weight
2.04 lb(US) (0.924 kg)
Quantity per set
Set of 1
Continuous current rating
80 %
Environment
Quality labels
CE
Standards
NMX J-266
CSA C22.2 No 5
EN/IEC 60947-2
NEMA AB1
EN/IEC 60947-5-1
UL 489
GB 14048.2
Product certifications
UL
IEC
CCC
EAC
CSA
NOM
IP degree of protection
Front cover IP40 IEC 60529
IK degree of protection
IK07 IEC 62262
Pollution degree
3 IEC 60947-1
Ambient air temperature for operation
-13…158 °F (-25…70 °C)
Ambient air temperature for storage
-58…185 °F (-50…85 °C)
Operating altitude
6561.68 ft (2000 m) without derating
5000 m with derating
Ordering and shipping details
Category
01132 - BJ/BK UNIT MOUNT BREAKER/SWITCH
Discount Schedule
DE2
GTIN
03606481149817
Nbr. of units in pkg.
1
Package weight(Lbs)
2.6 lb(US) (1.18 kg)
Returnability
Yes
2


유사한 부품 번호 - BJF36020

제조업체부품명데이터시트상세설명
logo
Schneider Electric
BJF36025 SCHNEIDER-BJF36025 Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 25A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
More results

유사한 설명 - BJF36020

제조업체부품명데이터시트상세설명
logo
Schneider Electric
BJF26020 SCHNEIDER-BJF26020 Datasheet
104Kb / 3P
   Circuit breaker, PowerPact B, 20A, 2 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
BJF46020 SCHNEIDER-BJF46020 Datasheet
121Kb / 3P
   Circuit breaker, PowerPact B, 20A, 4 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
BJF36025 SCHNEIDER-BJF36025 Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 25A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
BJF36040 SCHNEIDER-BJF36040 Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 40A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
BJF36050 SCHNEIDER-BJF36050 Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 50A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
BJF36045 SCHNEIDER-BJF36045 Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 45A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
BJF36070 SCHNEIDER-BJF36070 Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
BJF36080 SCHNEIDER-BJF36080 Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 80A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
BJF36125 SCHNEIDER-BJF36125 Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 125A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
BJF36035 SCHNEIDER-BJF36035 Datasheet
115Kb / 3P
   Circuit breaker, PowerPact B, 35A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com