전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EP2AGX45DF25I5 데이터시트(PDF) 45 Page - Altera Corporation

부품명 EP2AGX45DF25I5
상세설명  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALTERA [Altera Corporation]
홈페이지  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I5 데이터시트(HTML) 45 Page - Altera Corporation

Back Button EP2AGX45DF25I5 Datasheet HTML 41Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 42Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 43Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 44Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 45Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 46Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 47Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 48Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
Chapter 1: Device Datasheet for Arria II Devices
1–37
Switching Characteristics
December 2013
Altera Corporation
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
Table 1–40 lists the transceiver jitter specifications for all supported protocols for
Arria II GX devices.
29
N/A
N/A
N/A
12.5
9.6
7.7
6.3
4.3
30
N/A
N/A
N/A
N/A
11.4
9
7.4
N/A
31
N/A
N/A
N/A
N/A
12.9
10
8.2
N/A
Table 1–39. Transmitter Pre-Emphasis Levels for Arria II GZ Devices (Part 2 of 2)
Pre-
Emphasis
1st
Post-Tap
Setting
VOD Setting
012345
67
Table 1–40. Transceiver Block Jitter Specifications for Arria II GX Devices (Note 1) (Part 1 of 10)
Symbol/
Description
Conditions
I3
C4
C5, I5
C6
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
SONET/SDH Transmit Jitter Generation (2)
Peak-to-peak
jitter at
622.08 Mbps
Pattern =
PRBS15
0.1
0.1
0.1
0.1
UI
RMS jitter at
622.08 Mbps
Pattern =
PRBS15
0.01
0.01
0.01
0.01
UI
Peak-to-peak
jitter at
2488.32 Mbps
Pattern =
PRBS15
0.1
0.1
0.1
0.1
UI
RMS jitter at
2488.32 Mbps
Pattern =
PRBS15
0.01
0.01
0.01
0.01
UI
SONET/SDH Receiver Jitter Tolerance (2)
Jitter tolerance at
622.08 Mbps
Jitter frequency =
0.03 KHz
Pattern = PRBS15
> 15
> 15
> 15
> 15
UI
Jitter frequency =
25 KHZ
Pattern = PRBS15
> 1.5
> 1.5
> 1.5
> 1.5
UI
Jitter frequency =
250 KHz
Pattern = PRBS15
> 0.15
> 0.15
> 0.15
> 0.15
UI


유사한 부품 번호 - EP2AGX45DF25I5

제조업체부품명데이터시트상세설명
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
More results

유사한 설명 - EP2AGX45DF25I5

제조업체부품명데이터시트상세설명
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com