전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EP2AGX45DF25I5 데이터시트(PDF) 66 Page - Altera Corporation

부품명 EP2AGX45DF25I5
상세설명  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALTERA [Altera Corporation]
홈페이지  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I5 데이터시트(HTML) 66 Page - Altera Corporation

Back Button EP2AGX45DF25I5 Datasheet HTML 62Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 63Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 64Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 65Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 66Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 67Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 68Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 69Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 70Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
1–58
Chapter 1: Device Datasheet for Arria II Devices
Switching Characteristics
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
December 2013
Altera Corporation
Embedded Memory Block Specifications
Table 1–48 lists the embedded memory block specifications for Arria II GX devices.
Double mode
1
440
380
MHz
Notes to Table 1–47:
(1) Maximum is for fully pipelined block with Round and Saturation disabled.
(2) Maximum for loopback input registers disabled, Round and Saturation disabled, and pipeline and output registers enabled.
Table 1–47. DSP Block Performance Specifications for Arria II GZ Devices (Note 1) (Part 2 of 2)
Mode
Resources
Used
Performance
Unit
Number of
Multipliers
–3
–4
Table 1–48. Embedded Memory Block Performance Specifications for Arria II GX Devices
Memory
Mode
Resources Used
Performance
Unit
ALUTs
Embedded
Memory
I3
C4
C5,I5
C6
Memory
Logic
Array
Block
(MLAB)
Single port 64 × 10
0
1
450
500
450
378
MHz
Simple dual-port 32 × 20 single
clock
0
1
270
500
450
378
MHz
Simple dual-port 64 × 10 single
clock
0
1
428
500
450
378
MHz
M9K
Block
Single-port 256 × 36
0
1
360
400
360
310
MHz
Single-port 256 × 36, with the
read-during-write option set to
Old Data
0
1
250
280
250
210
MHz
Simple dual-port 256 × 36 single
CLK
0
1
360
400
360
310
MHz
Single-port 256 × 36 single CLK,
with the read-during-write option
set to Old Data
0
1
250
280
250
210
MHz
True dual port 512 × 18 single CLK
0
1
360
400
360
310
MHz
True dual-port 512 × 18 single CLK,
with the read-during-write option
set to Old Data
0
1
250
280
250
210
MHz
Min Pulse Width (clock high time)
900
850
950
1130
ps
Min Pulse Width (clock low time)
730
690
770
920
ps


유사한 부품 번호 - EP2AGX45DF25I5

제조업체부품명데이터시트상세설명
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
More results

유사한 설명 - EP2AGX45DF25I5

제조업체부품명데이터시트상세설명
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com