전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC78PC30NTR 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC78PC30NTR
상세설명  Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78PC30NTR 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC78PC30NTR Datasheet HTML 6Page - ON Semiconductor MC78PC30NTR Datasheet HTML 7Page - ON Semiconductor MC78PC30NTR Datasheet HTML 8Page - ON Semiconductor MC78PC30NTR Datasheet HTML 9Page - ON Semiconductor MC78PC30NTR Datasheet HTML 10Page - ON Semiconductor MC78PC30NTR Datasheet HTML 11Page - ON Semiconductor MC78PC30NTR Datasheet HTML 12Page - ON Semiconductor MC78PC30NTR Datasheet HTML 13Page - ON Semiconductor MC78PC30NTR Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC78PC00 Series
http://onsemi.com
10
Figure 35. MC78PC50 Ripple Rejection
versus Frequency
80
0.1
f, FREQUENCY (kHz)
1.0
10
100
70
60
50
40
30
20
10
0
VIN = 6.0 VDC + 0.5 Vp–p
COUT = 4.7 mF
IOUT = 1.0 mA
IOUT = 30 mA
IOUT = 50 mA
80
3.1
VIN, INPUT VOLTAGE (VOLTS)
Figure 36. MC78PC50 Ripple Rejection
versus Frequency
Figure 37. MC78PC30 Ripple Rejection
versus Input Voltage (DC Bias)
Figure 38. MC78PC30 Ripple Rejection
versus Input Voltage (DC Bias)
Figure 39. MC78PC30 Ripple Rejection
versus Input Voltage (DC Bias)
80
0.1
f, FREQUENCY (kHz)
1.0
10
100
70
60
50
40
30
20
10
0
VIN = 6.0 VDC + 0.5 Vp–p
COUT = 10 mF
IOUT = 1.0 mA
IOUT = 30 mA
IOUT = 50 mA
3.2
3.3
3.4
3.5
70
60
50
40
30
20
10
0
IOUT = 1.0 mA
COUT = 10 mF
f = 400 Hz
f = 1.0 kHz
f = 10 kHz
80
3.1
VIN, INPUT VOLTAGE (VOLTS)
3.2
3.3
3.4
3.5
70
60
50
40
30
20
10
0
IOUT = 10 mA
COUT = 10 mF
f = 400 Hz
f = 1.0 kHz
f = 10 kHz
80
3.1
VIN, INPUT VOLTAGE (VOLTS)
3.2
3.3
3.4
3.5
70
60
50
40
30
20
10
0
IOUT = 50 mA
COUT = 10 mF
f = 400 Hz
f = 1.0 kHz
f = 10 kHz


유사한 부품 번호 - MC78PC30NTR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC78PC30NTR ONSEMI-MC78PC30NTR Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
MC78PC30NTRG ONSEMI-MC78PC30NTRG Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
More results

유사한 설명 - MC78PC30NTR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com