전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3N163 데이터시트(PDF) 1 Page - Calogic, LLC

부품명 3N163
상세설명  P-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CALOGIC [Calogic, LLC]
홈페이지  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N163 데이터시트(HTML) 1 Page - Calogic, LLC

  3N163 Datasheet HTML 1Page - Calogic, LLC 3N163 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P-Channel Enhancement Mode
MOSFET General Purpose
Amplifier Switch
3N163 / 3N164
FEATURES
•• Very High Input Impedance
•• High Gate Breakdown
•• Fast Switching
•• Low Capacitance
ABSOLUTE MAXIMUM RATINGS (Note 1)
(TA = 25
oC unless otherwise specified)
Drain-Source or Drain-Gate Voltage
3N163. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40V
3N164. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30V
Static Gate-Source Voltage
3N163. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±40V
3N164. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30V
Transient Gate-Source Voltage (Note 2) . . . . . . . . . . . .
±125V
Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Storage Temperature . . . . . . . . . . . . . . . . . . . -65
oC to +200oC
Operating Temperature . . . . . . . . . . . . . . . . . -55
oC to +150oC
Lead Temperature (Soldering, 10sec) . . . . . . . . . . . . . +300
oC
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 375mW
Derate above +25
oC . . . . . . . . . . . . . . . . . . . . . . 3.0mW/oC
NOTE: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or
any other conditions above those indicated in the operational sections
of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Part
Package
Temperature Range
3N163-64
Hermetic TO-72
-55
oC to +150oC
X3N163-64
Sorted Chips in Carriers
-55
oC to +150oC
CORPORATION
PIN CONFIGURATION
TO-72
G
D
C
S
1503
ELECTRICAL CHARACTERISTICS (TA = 25
oC unless otherwise specified)
SYMBOL
PARAMETER
3N163
3N164
UNITS
TEST CONDITIONS
MIN MAX MIN MAX
IGSS
Gate-Body Leakage Current
-10
-10
pA
VGS = -40V, VDS = 0 (3N163)
VGS = -30V, VDS = 0 (3N164)
-25
-25
TA = +125
oC
BVDSS
Drain-Source Breakdown Voltage
-40
-30
V
ID = -10
µA, VGS = 0
BVSDS
Source-Drain Breakdown Voltage
-40
-30
IS = -10
µA, VGD = 0, VBD = 0
VGS(th)
Threshold Voltage
-2.0
-5.0
-2.0
-5.0
VDS = VGS, ID = -10
µA
VGS(th)
Threshold Voltage
-2.0
-5.0
-2.0
-5.0
VDS = -15V, ID = -10
µA
VGS
Gate Source Voltage
-2.5
-6.5
-2.5
-6.5
VDS = -15V, ID = -0.5mA
IDSS
Zero Gate Voltage Drain Current
200
400
pA
VDS = -15V, VGS = 0
ISDS
Source Drain Current
400
800
VSD = 15V, VGS = VDB = 0
rDS(on)
Drain-Source on Resistance
250
300
ohms
VGS = -20V, ID = -100
µA
ID(on)
On Drain Current
-5.0 -30.0 -3.0 -30.0
mA
VDS = +15V, VGS = -10V


유사한 부품 번호 - 3N163

제조업체부품명데이터시트상세설명
logo
Linear Integrated Syste...
3N163 LINEAR-3N163 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Intersil Corporation
3N163 INTERSIL-3N163 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
3N163 NJSEMI-3N163 Datasheet
123Kb / 1P
   (SINGLE, DUAL) MOS FET P-CHANNEL, ENHANCEMENT
logo
Micross Components
3N163 MICROSS-3N163 Datasheet
408Kb / 1P
   an enhancement mode P-Channel Mosfet
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
More results

유사한 설명 - 3N163

제조업체부품명데이터시트상세설명
logo
Calogic, LLC
IT1700 CALOGIC-IT1700 Datasheet
21Kb / 2P
   P-Channel Enhancement Mode MOSFET General Purpose Amplifier
3N172 CALOGIC-3N172 Datasheet
33Kb / 2P
   Diode Protected P-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
3N190 CALOGIC-3N190 Datasheet
27Kb / 2P
   Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
2N4351 CALOGIC-2N4351 Datasheet
18Kb / 1P
   N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
IT1750 CALOGIC-IT1750 Datasheet
17Kb / 1P
   N-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
2N4351 CALOGIC-2N4351_15 Datasheet
18Kb / 1P
   N-Channel Enhancement Mode MOSFET General Purpose Amplifier/Switch
2N4352 CALOGIC-2N4352_15 Datasheet
124Kb / 1P
   P-Channel Enhancement Mode MOSFET Amplifier/Switch
2N4352 CALOGIC-2N4352 Datasheet
18Kb / 1P
   P-Channel Enhancement Mode MOSFET Amplifier/Switch
3N165 CALOGIC-3N165 Datasheet
26Kb / 2P
   Monolithic Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
M116 CALOGIC-M116 Datasheet
19Kb / 1P
   Diode Protected N-Channel Enhancement Mode MOSFET General Purpose Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com