전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS79L05 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS79L05
상세설명  3-Terminal Low Current Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79L05 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS79L05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79L05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79L05 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79L05 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79L05 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79L05 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79L05 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79L05 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS79L00 series
1-8
2003/12 rev. D
TS79L00 series
3-Terminal Low Current Negative Voltage Regulator
Voltage Range - 5V to - 24V
Output Current up to 100mA
General Description
The TS79L00 Series of negative voltage regulators are inexpensive, easy-to-use devices suitable for a multitude of
applications that require a regulated supply of up to 100mA. Like their higher power TS7900 and TS79M00 Series
cousins, these regulators feature internal current limiting and thermal shutdown making them remarkably rugged. No
external components are required with the TS79L00 devices in many applications.
These devices offer a substantial performance advantage over the traditional zener diode-resistor combination, as output
impedance and quiescent current are substantially reduced.
This series is offered in 3-pin TO-92, SOT-89 and 8-pin SOP-8 package.
Features
Output current up to 100mA
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Ordering Information
Note: Where xx denotes voltage option.
Part No.
Operating Temp.
(Ambient)
Package
TS79LxxCT
TO-92
TS79LxxCY
SOT-89
TS79LxxCS
-20 ~ +85
oC
SOP-8
Standard Application
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point
on the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does
improve transient response.
Pin Assignment
Pin No.
TS79L00CT
TS79L00CY
TS79L00CS
Pin
Description
3
3
1
Output
2
2
2, 3, 6, 7
Input
1
1
5
Ground
4, 8
Non connected


유사한 부품 번호 - TS79L05

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS79L05CTA3 TSC-TS79L05CTA3 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L05CTB0 TSC-TS79L05CTB0 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L05CYRM TSC-TS79L05CYRM Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
More results

유사한 설명 - TS79L05

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12F MCC-MC79L12F_08 Datasheet
186Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com