전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTF3035EJ 데이터시트(PDF) 31 Page - Infineon Technologies AG

부품명 BTF3035EJ
상세설명  Smart Low-Side Power Switch
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF3035EJ 데이터시트(HTML) 31 Page - Infineon Technologies AG

Back Button BTF3035EJ Datasheet HTML 27Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 28Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 29Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 30Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 31Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 32Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 33Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 34Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
Datasheet
31
Rev. 1.0
2018-08-08
BTF3035EJ
Smart Low-Side Power Switch
Electrical Characteristics
Turn-on delay time
tDON(0)
0.15 0.35 0.8
µs
RSRP = 0Ω
P_9.1.59
Turn-off delay time
tDOFF(0)
0.5 1
2
µs
RSRP = 0Ω
P_9.1.63
Turn-on output fall time
tF(0)
0.3 1
2
µs
RSRP = 0Ω
P_9.1.67
Turn-off output rise time
tR(0)
0.3 1
2
µs
RSRP = 0Ω
P_9.1.71
Turn-on Slew rate 5)
-(DV/Dt)ON(0)
15
27
45
V/µs RSRP = 0Ω
5)
P_9.1.75
Turn-off Slew rate
(DV/Dt)OFF(0)
15
27
45
V/µs RSRP = 0Ω
5)
P_9.1.79
Turn-on time
tON(5k8)
1.3 2.7
4.5
µs
RSRP = 5.8kΩ
3)
P_9.1.52
Turn-off time
tOFF(5k8)
24
6
µs
RSRP = 5.8kΩ
4)
P_9.1.56
Turn-on delay time
tDON(5k8)
0.3 0.75 1.5
µs
RSRP = 5.8kΩ
P_9.1.60
Turn-off delay time
tDOFF(5k8)
12
3
µs
RSRP = 5.8kΩ
P_9.1.64
Turn-on output fall time
tF(5k8)
12
3
µs
RSRP = 5.8kΩ
P_9.1.68
Turn-off output rise time
tR(5k8)
12
3
µs
RSRP = 5.8kΩ
P_9.1.72
Turn-on Slew rate
-(DV/Dt)ON(5k8) 713
21
V/µs RSRP = 5.8kΩ
5)
P_9.1.76
Turn-off Slew rate
(DV/Dt)OFF(5k8) 713
21
V/µs RSRP = 5.8kΩ
5)
P_9.1.80
Turn-on time
tON(58k)
13
26
40
µs
RSRP = 58kΩ
3)
P_9.1.53
Turn-off time
tOFF(58k)
23
35
70
µs
RSRP = 58kΩ
4)
P_9.1.57
Turn-on delay time
tDON(58k)
36
10
µs
RSRP = 58kΩ
P_9.1.61
Turn-off delay time
tDOFF(58k)
715
35
µs
RSRP = 58kΩ
P_9.1.65
Turn-on output fall time
tF(58k)
10
20
30
µs
RSRP = 58kΩ
P_9.1.69
Turn-off output rise time
tR(58k)
10
20
30
µs
RSRP = 58kΩ
P_9.1.73
Turn-on Slew rate
-(DV/Dt)ON(58k) 0.7 1.4 2.1
V/µs RSRP = 58kΩ
5)
P_9.1.77
Turn-off Slew rate
(DV/Dt)OFF(58k) 0.7 1.4 2.1
V/µs RSRP = 58kΩ
5)
P_9.1.81
Turn-on time
tON(open)
40
80
130 µs
RSRP = 200kΩ(open)
3)
P_9.1.54
Turn-off time
tOFF(open)
55
110 190 µs
RSRP = 200kΩ(open)
4)
P_9.1.58
Turn-on delay time
tDON(open)
10
20
40
µs
RSRP = 200kΩ(open) P_9.1.62
Table 5
Electrical Characteristics: Power Stage (cont’d)
TJ = -40°C to +150°C, VDD = 3.0 V to 5.5 V, VBAT = 6 V to 18 V, all voltages with respect to ground, positive current
flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.


유사한 부품 번호 - BTF3035EJ

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTF3050EJ INFINEON-BTF3050EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
BTF3050TE INFINEON-BTF3050TE Datasheet
1Mb / 48P
   Smart Low-Side Power Switch
Rev. 1.1, 2018-08-28
BTF3080EJ INFINEON-BTF3080EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
More results

유사한 설명 - BTF3035EJ

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com