전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTT6200-1ENA 데이터시트(PDF) 16 Page - Infineon Technologies AG

부품명 BTT6200-1ENA
상세설명  Smart High-Side Power Switch Single Channel, 200m廓
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-1ENA 데이터시트(HTML) 16 Page - Infineon Technologies AG

Back Button BTT6200-1ENA Datasheet HTML 12Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 13Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 14Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 15Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 16Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 17Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 18Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 19Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Data Sheet
16
Rev. 1.0
2018-05-14
PROFET™+ 24 V
BTT6200-1ENA
Power Stage
Switch ON energy
EON
209
µJ
1) RL = 47 Ω
VOUT= 90% VS
VS= 36 V
See Chapter 9.1
P_5.5.19
Switch OFF energy
EOFF
219
µJ
1) RL = 47 Ω
VOUT= 10% VS
VS= 36 V
See Chapter 9.1
P_5.5.20
1) Not subject to production test, specified by design.
2) Test at TJ = -40°C only
Table 6
Electrical Characteristics: Power Stage (cont’d)
VS = 8 V to 36 V, TJ = -40°C to 150°C (unless otherwise specified).
Typical values are given at VS = 28 V, TJ = 25°C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


유사한 부품 번호 - BTT6200-1ENA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
More results

유사한 설명 - BTT6200-1ENA

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERA INFINEON-BTT6030-2ERA Datasheet
1Mb / 55P
   Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
BTT6020-1ERA INFINEON-BTT6020-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com