전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ITS4130Q-EP-D 데이터시트(PDF) 5 Page - Infineon Technologies AG

부품명 ITS4130Q-EP-D
상세설명  130 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4130Q-EP-D 데이터시트(HTML) 5 Page - Infineon Technologies AG

  ITS4130Q-EP-D Datasheet HTML 1Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 2Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 3Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 4Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 5Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 6Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 7Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 8Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Data Sheet
5
Rev. 1.0
2018-06-14
ITS4130Q-EP-D
130 mΩ Quad Channel Smart High-Side Power Switch
Block Diagram
2
Block Diagram
Figure 1
Block Diagram: ITS4130Q-EP-D
IN1
ST
IN2
IN3
IN4
PG-TSDSO-14
ITS4130Q-EP-D
3
14
2
OUT1
5
Bias
ESD
Protection
Driver
Logic
Over
Temperature
Voltage Sensor
Clamp for
Inductive Loads
Gate control
&
Charge Pump
Over Current
Switch Limit
VS
12
OUT2
4
Control and Protection Circuitry
Equivalent to Channel 1
Channel 1
Channel 2
10
OUT3
6
Control and Protection Circuitry
Equivalent to Channel 1
Channel 3
8
OUT4
7
Control and Protection Circuitry
Equivalent to Channel 1
Channel 4
VS
VS
VS
GND


유사한 부품 번호 - ITS4130Q-EP-D

제조업체부품명데이터시트상세설명
logo
C&K Components
ITS4130-F-V1-S-TR CK-COMPONENTS-ITS4130-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR1-S-TR CK-COMPONENTS-ITS4130-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR2-S-TR CK-COMPONENTS-ITS4130-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR3N-S-TR CK-COMPONENTS-ITS4130-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FV2-S-TR CK-COMPONENTS-ITS4130-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

유사한 설명 - ITS4130Q-EP-D

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4075Q-EP-D INFINEON-ITS4075Q-EP-D Datasheet
1Mb / 42P
   75 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.01 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com