전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISD94100 데이터시트(PDF) 45 Page - Nuvoton Technology Corporation

부품명 ISD94100
상세설명  ISD ARM짰 Cortex짰-M4F SoC
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUVOTON [Nuvoton Technology Corporation]
홈페이지  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD94100 데이터시트(HTML) 45 Page - Nuvoton Technology Corporation

Back Button ISD94100 Datasheet HTML 41Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 42Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 43Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 44Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 45Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 46Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 47Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 48Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 49Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 109 page
background image
ISD94100 Series Datasheet
Sep 09, 2019
Page 45 of 109
Rev1.13
Table 6.2.7-1 Exception Model
Vector
Number
Interrupt Number
(Bit
In
Interrupt
Registers)
Interrupt Name
Interrupt Description
0 ~ 15
-
-
System exceptions
16
0
BODOUT
Brown-Out low voltage detected interrupt
17
1
IRC_INT
IRC TRIM interrupt
18
2
PWRWU_INT
Clock controller interrupt for chip wake-up from power-down state
19
3
SRAM_PERR
SRAM parity check error interrupt
20
4
CLKFAIL
Clock fail detected interrupt
21
5
Reserved
Reserved
22
6
RTC_INT
Real time clock interrupt
23
7
Reserved
Reserved
24
8
WDT_INT
Watchdog Timer interrupt
25
9
WWDT_INT
Window Watchdog Timer interrupt
26
10
EINT0
External interrupt
27
11
EINT1
External interrupt
28
12
EINT2
External interrupt
29
13
EINT3
External interrupt
30
14
EINT4
External interrupt
31
15
EINT5
External interrupt
32
16
GPA_INT
External interrupt from PA[15:0] pin
33
17
GPB_INT
External interrupt from PB[14:12/9:0] pin
34
18
GPC_INT
External interrupt from PC[15:0] pin
35
19
GPD_INT
External interrupt from PD[15:0] pin
36 ~ 37
20 ~ 21
Reserved
Reserved
38
22
SPI0_INT
SPI0 interrupt
39
23
SPI1_INT
SPI1 interrupt
40
24
BRAKE0_INT
PWM0 brake interrupt
41
25
PWM0_P0_INT
PWM0 pair 0 interrupt
Reserved
13
Reserved
PendSV
14
0x00000038
Configurable
SysTick
15
0x0000003C
Configurable
Interrupt (IRQ0 ~ IRQ)
16 ~ 111
0x00000000 +
(Vector Number)*4
Configurable


유사한 부품 번호 - ISD94100

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
More results

유사한 설명 - ISD94100

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com