전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AUIR3320S 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 AUIR3320S
상세설명  LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AUIR3320S 데이터시트(HTML) 1 Page - Infineon Technologies AG

  AUIR3320S Datasheet HTML 1Page - Infineon Technologies AG AUIR3320S Datasheet HTML 2Page - Infineon Technologies AG AUIR3320S Datasheet HTML 3Page - Infineon Technologies AG AUIR3320S Datasheet HTML 4Page - Infineon Technologies AG AUIR3320S Datasheet HTML 5Page - Infineon Technologies AG AUIR3320S Datasheet HTML 6Page - Infineon Technologies AG AUIR3320S Datasheet HTML 7Page - Infineon Technologies AG AUIR3320S Datasheet HTML 8Page - Infineon Technologies AG AUIR3320S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AUIR3320S
1
2017-07-11
Automotive grade
LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Features
Load current feedback
Programmable over current shutdown
Active clamp
ESD protection
Input referenced to Vcc
Over temperature shutdown
Switching time optimized for low EMI
Reverse battery protection
Lead-Free, Halogen-Free, RoHS compliant
Description
The AUIR3320(S) is a fully protected 4 terminals high side
switch. The input signal is referenced to Vcc. When the
input voltage Vcc - Vin is higher than the specified
threshold, the output power Mosfet is turned on. When the
Vcc - Vin is lower than the specified Vil threshold, the
output Mosfet is turned off. A current proportional to the
power Mosfet current is sourced to the Ifb pin. Over
current shutdown occurs when Vifb-Vin > 4.7V. The
current shutdown threshold is adjusted by selecting the
proper RIfb. Either over current and over temperature
latches off the switch. The device is reset by pulling the
input pin high. Other integrated protections (ESD, reverse
battery, active clamp) make the switch very rugged in
automotive environment.
Product Summary
Rds(on)
4 m
 max.
Vcc op.
6 to 26V
Current Ratio
6000
Prog. Ishutdown 10 to 55A
Vclamp
40V
Packages
D²Pak
Pin 4 and 5 fused
AUIR3320S
Ordering Information
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
AUIR3320S
D2-Pak-5-Leads
Tape and reel left
800
AUIR3320STRL


유사한 부품 번호 - AUIR3320S

제조업체부품명데이터시트상세설명
logo
International Rectifier
AUIR3320S IRF-AUIR3320S Datasheet
462Kb / 15P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3320S IRF-AUIR3320S Datasheet
462Kb / 15P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3320S IRF-AUIR3320S_15 Datasheet
462Kb / 15P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results

유사한 설명 - AUIR3320S

제조업체부품명데이터시트상세설명
logo
International Rectifier
IR3315 IRF-IR3315 Datasheet
1Mb / 13P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316S IRF-IR3316S Datasheet
894Kb / 11P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3320S IRF-AUIR3320S Datasheet
462Kb / 15P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3316 IRF-AUIR3316 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316PBF IRF-IR3316PBF Datasheet
362Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIPS6125RTRL INFINEON-AUIPS6125RTRL Datasheet
450Kb / 17P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Rev 1.3 2016-11-08
logo
International Rectifier
AUIR3317S IRF-AUIR3317S Datasheet
297Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
logo
Infineon Technologies A...
AUIR3316 INFINEON-AUIR3316 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
Revision E 14/11/2010
logo
International Rectifier
IR3411SPBF IRF-IR3411SPBF Datasheet
296Kb / 13P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
AUIR3316 IRF-AUIR3316_15 Datasheet
301Kb / 16P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com